Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 9Page - Analog Devices ADT7312 Datasheet HTML 10Page - Analog Devices ADT7312 Datasheet HTML 11Page - Analog Devices ADT7312 Datasheet HTML 12Page - Analog Devices ADT7312 Datasheet HTML 13Page - Analog Devices ADT7312 Datasheet HTML 14Page - Analog Devices ADT7312 Datasheet HTML 15Page - Analog Devices ADT7312 Datasheet HTML 16Page - Analog Devices ADT7312 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADT7312
Data Sheet
| Page 12 of 24
TEMPERATURE DATA FORMAT
One LSB of the ADC corresponds to 0.0078°C in 16-bit mode.
The ADC can theoretically measure a temperature range of
255°C, but the ADT7312 is guaranteed to measure a low value
temperature limit of −55°C to a high value temperature limit of
+175°C. The temperature measurement result is stored in the
16-bit temperature value register (Register Address 0x02). It is
compared with the high temperature limits stored in the TCRIT
setpoint register and the THIGH setpoint register. The temperature
measurement result is also compared with the low temperature
limit stored in the TLOW setpoint register.
Temperature data in the temperature value register, the TCRIT
setpoint register, the THIGH setpoint register, and the TLOW setpoint
register is represented by a 13-bit, twos complement word. The
MSB is the temperature sign bit. When the part is powered up, the
three LSBs, Bits[2:0], are not part of the temperature conversion
result, but are flag bits for TCRIT, THIGH, and TLOW. Table 6 shows
the 13-bit temperature data format without Bits[2:0].
Table 6. 13-Bit Temperature Data Format
Temperature
Digital Output (Bits[D15:D3])
Binary
Hex
−55°C
1 1100 1001 0000
0x1C90
−50°C
1 1100 1110 0000
0x1CE0
−25°C
1 1110 0111 0000
0x1E70
−0.0625°C
1 1111 1111 1111
0x1FFF
0°C
0 0000 0000 0000
0x0000
+0.0625°C
0 0000 0000 0001
0x0001
+25°C
0 0001 1001 0000
0x0190
+50°C
0 0011 0010 0000
0x0320
+125°C
0 0111 1101 0000
0x07D0
+150°C
0 1001 0110 0000
0x0960
+175°C
0 1010 1111 0000
0x0AF0
The number of bits in the temperature data-word can be
extended to 16 bits, twos complement, by setting Bit 7 of the
configuration register (Register Address 0x01) to 1. When using
a 16-bit temperature data value, Bits[2:0] are the LSBs of the
temperature value. The default power-on configuration is a
13-bit temperature data value.
Reading back the temperature from the temperature value
register requires a 2-byte read. Designers who use a 9-bit temp-
erature data format can still use the ADT7312 by ignoring the
four LSBs of the 13-bit temperature value. These four LSBs are
Bits[6:3] in Table 6.
TEMPERATURE CONVERSION FORMULAS
16-Bit Temperature Data Format
Positive Temperature = ADC Code (dec)/128
Negative Temperature = (ADC Code (dec) − 65,536)/128
where ADC Code uses all 16 bits of the data byte, including the
sign bit.
Negative Temperature = (ADC Code (dec) − 32,768)/128
where the MSB is removed from the ADC code.
13-Bit Temperature Data Format
Positive Temperature = ADC Code (dec)/16
Negative Temperature = (ADC Code (dec) − 8192)/16
where ADC Code uses all 13 bits of the data byte, including the
sign bit.
Negative Temperature = (ADC Code (dec) − 4096)/16
where the MSB is removed from the ADC code.
10-Bit Temperature Data Format
Positive Temperature = ADC Code (dec)/2
Negative Temperature = (ADC Code (dec) − 1024)/2
where ADC Code uses all 10 bits of the data byte, including the
sign bit.
Negative Temperature = (ADC Code (dec) − 512)/2
where the MSB is removed from the ADC code.
9-Bit Temperature Data Format
Positive Temperature = ADC Code (dec)
Negative Temperature = ADC Code (dec) − 512
where ADC Code uses all nine bits of the data byte, including
the sign bit.
Negative Temperature = ADC Code (dec) − 256
where the MSB is removed from the ADC code.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com