Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 5Page - Analog Devices ADT7312 Datasheet HTML 6Page - Analog Devices ADT7312 Datasheet HTML 7Page - Analog Devices ADT7312 Datasheet HTML 8Page - Analog Devices ADT7312 Datasheet HTML 9Page - Analog Devices ADT7312 Datasheet HTML 10Page - Analog Devices ADT7312 Datasheet HTML 11Page - Analog Devices ADT7312 Datasheet HTML 12Page - Analog Devices ADT7312 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADT7312
Data Sheet
| Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–50
–70
–30 –10
10
30
50
70
90
110 130 150 170 190
TEMPERATURE (ºC)
–0.4
–0.6
–0.8
–0.2
0
0.4
0.2
0.6
0.8
1.0
Figure 4. Temperature Accuracy at 3 V
–50
–70
–30 –10
10
30
50
70
90
110 130 150 170 190
TEMPERATURE (ºC)
–1.0
–0.5
0
0.5
1.0
1.5
Figure 5. Temperature Accuracy at 5 V
350
300
200
250
150
100
50
0
–60
–40 –20
0
20
40
60
80
100 120 140 160 180
TEMPERATURE (°C)
5V CONTINUOUS CONVERSION
3V CONTINUOUS CONVERSION
5V 1SPS
3V 1SPS
Figure 6. Operating Supply Current vs. Temperature
0
5
10
15
20
25
30
–60 –40 –20
0
20
40
60
80
100 120 140 160 180
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.0V
VDD = 3.6V
VDD = 4.5V
VDD = 5.0V
VDD = 5.5V
Figure 7. Shutdown Current vs. Temperature
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
CONTINUOUS CONVERSION
1SPS
Figure 8. Operating Supply Current vs. Supply Voltage
0
1
2
3
4
5
6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
Figure 9. Shutdown Current vs. Supply Voltage
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com