Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 6Page - Analog Devices ADT7312 Datasheet HTML 7Page - Analog Devices ADT7312 Datasheet HTML 8Page - Analog Devices ADT7312 Datasheet HTML 9Page - Analog Devices ADT7312 Datasheet HTML 10Page - Analog Devices ADT7312 Datasheet HTML 11Page - Analog Devices ADT7312 Datasheet HTML 12Page - Analog Devices ADT7312 Datasheet HTML 13Page - Analog Devices ADT7312 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADT7312
| Page 9 of 24
THEORY OF OPERATION
CIRCUIT DESCRIPTION
The ADT7312 is a ±1°C accurate digital temperature sensor
that uses a 16-bit ADC to monitor and digitize the temperature
to a resolution of 0.0078°C. By default, the ADC resolution is
set to 13 bits (0.0625°C).
An internal temperature sensor generates a voltage proportional
to absolute temperature; this voltage is compared to an internal
voltage reference and input into a precision digital modulator.
The internal temperature sensor has high accuracy and linearity
over the entire rated temperature range without the need for
correction or calibration by the user.
The sensor output is digitized by a sigma-delta (Σ-∆) modu-
lator, also known as a charge balance type ADC. This type of
converter uses time domain oversampling and a high accuracy
comparator to deliver 16 bits of resolution in an extremely
compact circuit.
CONVERTER ARCHITECTURE
The Σ-∆ modulator consists of an input sampler, a summing
network, an integrator, a comparator, and a 1-bit digital-to-
analog converter (DAC). This architecture creates a negative
feedback loop and minimizes the integrator output by changing
the duty cycle of the comparator output in response to input
voltage changes. The comparator samples the output of the
integrator at a much higher rate than the input sampling fre-
quency. This oversampling spreads the quantization noise over
a much wider band than that of the input signal, improving
overall noise performance and increasing accuracy.
The modulated output of the comparator is encoded using
a circuit technique that results in SPI temperature data.
Σ-Δ MODULATOR
INTEGRATOR
COMPARATOR
TEMPERATURE
VALUE
REGISTER
CLOCK
GENERATOR
VOLTAGE
REFERENCE
LPF DIGITAL
FILTER
1-BIT
DAC
1 BIT
13/16 BITS
Figure 10. Σ-∆ Modulator
The ADT7312 can be configured to operate in any one of the
following operating modes:
•
Normal mode (continuous conversion mode)
•
One-shot mode
•
1 SPS mode
•
Shutdown mode
NORMAL MODE (CONTINUOUS CONVERSION
MODE)
In normal mode (default power-on mode), the ADT7312 runs
an automatic conversion sequence. During this automatic con-
version sequence, a conversion typically takes 240 ms to complete.
The ADT7312 is continuously converting: as soon as one tempera-
ture conversion is completed, another temperature conversion
begins. Each temperature conversion result is stored in the
temperature value register (Register Address 0x02) and is avail-
able through the SPI interface. In continuous conversion mode,
the read operation provides the most recent converted result.
On power-up, the first conversion is a fast conversion, taking
typically 6 ms. If the temperature exceeds 147°C, the CT pin is
asserted low. If the temperature exceeds 64°C, the INT pin is
asserted low. Fast conversion temperature accuracy is typically
within ±5°C.
The conversion clock for the part is generated internally. No
external clock is required except when reading from and
writing to the serial port.
The measured temperature value is compared with a critical
temperature limit (stored in the 16-bit TCRIT setpoint register),
a high temperature limit (stored in the 16-bit THIGH setpoint
register), and a low temperature limit (stored in the 16-bit TLOW
setpoint register). If the measured value exceeds the THIGH or
TLOW limit, the INT pin is activated; if the measured value
exceeds the TCRIT limit, the CT pin is activated. The polarity of
the INT and CT pins is programmable using the configuration
register (Register Address 0x01). The INT and CT pins are also
programmable for interrupt mode via the configuration register.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com