Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 22 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 17Page - Analog Devices ADT7312 Datasheet HTML 18Page - Analog Devices ADT7312 Datasheet HTML 19Page - Analog Devices ADT7312 Datasheet HTML 20Page - Analog Devices ADT7312 Datasheet HTML 21Page - Analog Devices ADT7312 Datasheet HTML 22Page - Analog Devices ADT7312 Datasheet HTML 23Page - Analog Devices ADT7312 Datasheet HTML 24Page - Analog Devices ADT7312 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADT7312
| Page 21 of 24
TEMPERATURE
–13°C
–14°C
–15°C
–16°C
–17°C
–18°C
–19°C
–20°C
–21°C
–22°C
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE HIGH
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE HIGH
T
LOW + THYST
T
LOW
TIME
READ
READ
READ
Figure 19. INT Output Response to TLOW Undertemperature Events
REDUNDANT CRITICAL GENERATOR
The CT output is normally activated when the actual tempera-
ture exceeds the value stored in the TCRIT setpoint register (default
value is 147°C + THYST). To prevent the CT output from being
deactivated after the temperature exceeds 175°C, the ADT7312
incorporates a redundant standalone circuit (redundant critical
generator) to specifically control the CT output at temperatures
above 175°C.
This circuit incorporates hysteresis to ensure a safe working
temperature. Figure 20 shows the redundant critical generator
assuming control when the temperature reaches 180°C by acti-
vating the CT output; this circuit does not deactivate the CT
output until the temperature reaches 138°C. The redundant critical
generator is programmed in production to ensure that all parts
are triggered at the same temperatures (180°C and 138°C).
TEMPERATURE (°C)
138°
180°
VDD
Figure 20. CT Output Response Using the Redundant Critical Generator
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com