Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 18 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 14Page - Analog Devices ADT7312 Datasheet HTML 15Page - Analog Devices ADT7312 Datasheet HTML 16Page - Analog Devices ADT7312 Datasheet HTML 17Page - Analog Devices ADT7312 Datasheet HTML 18Page - Analog Devices ADT7312 Datasheet HTML 19Page - Analog Devices ADT7312 Datasheet HTML 20Page - Analog Devices ADT7312 Datasheet HTML 21Page - Analog Devices ADT7312 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADT7312
| Page 17 of 24
SERIAL INTERFACE
ADT7312
GND
SCLK
DOUT
DIN
CT
INT
VDD
10kΩ
10kΩ
PULL-UP
TO VDD
0.1µF
MICROCONTROLLER
VDD
CS
Figure 13. Typical SPI Interface Connection
The ADT7312 has a 4-wire serial peripheral interface (SPI).
The interface has a data input pin (DIN) for writing data to the
device, a data output pin (DOUT) for reading data back from
the device, and a data clock pin (SCLK) for clocking data into
and out of the device. A chip select pin (CS) enables or disables
the ADT7312. CS is required for correct operation of the serial
interface. Data is clocked out of the ADT7312 on the falling
edge of SCLK; data is clocked into the device on the rising edge
of SCLK.
SPI COMMAND BYTE
All data transactions on the bus begin with the master taking
CS from high to low and sending out the command byte. The
command byte indicates to the ADT7312 whether the transaction
is a read or a write and provides the address of the register for
the data transfer. Table 16 shows the command byte.
Table 16. Command Byte
C7
C6
C5
C4
C3
C2
C1
C0
0
R/W
Register address
0
0
0
Bit C7, Bit C2, Bit C1, and Bit C0 of the command byte must all
be set to 0 to successfully begin a bus transaction. The SPI inter-
face does not work correctly if a 1 is written to any of these bits.
Bit C6 is the read/write bit: 1 indicates a read, and 0 indicates
a write.
Bits[C5:C3] contain the target register address. One register can
be read from or written to per bus transaction.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com