Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 17Page - Analog Devices ADT7312 Datasheet HTML 18Page - Analog Devices ADT7312 Datasheet HTML 19Page - Analog Devices ADT7312 Datasheet HTML 20Page - Analog Devices ADT7312 Datasheet HTML 21Page - Analog Devices ADT7312 Datasheet HTML 22Page - Analog Devices ADT7312 Datasheet HTML 23Page - Analog Devices ADT7312 Datasheet HTML 24Page - Analog Devices ADT7312 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADT7312
Data Sheet
| Page 20 of 24
INT AND CT OUTPUTS
INT and CT are open-drain outputs. Both outputs require a
10 kΩ pull-up resistor to VDD. The ADT7312 must be fully
powered up to VDD before it can read INT and CT data.
UNDERTEMPERATURE AND OVERTEMPERATURE
DETECTION
The INT and CT pins have two undertemperature/overtemper-
ature modes: comparator mode and interrupt mode. Interrupt
mode is the default power-on mode. The INT output becomes
active when the temperature is greater than the temperature
stored in the THIGH setpoint register or less than the temperature
stored in the TLOW setpoint register. How the INT pin reacts
after an overtemperature or undertemperature event depends
on whether comparator mode or interrupt mode is selected.
Figure 18 illustrates the comparator and interrupt modes for
events exceeding the THIGH limit with both pin polarity settings.
Figure 19 illustrates the comparator and interrupt modes for
events exceeding the TLOW limit with both pin polarity settings.
Comparator Mode
In comparator mode, the INT output returns to its inactive state
when the temperature falls below the THIGH − THYST limit or rises
above the TLOW + THYST limit.
Placing the ADT7312 into shutdown mode does not reset the
INT state in comparator mode.
Interrupt Mode
In interrupt mode, the INT output returns to its inactive state
when any ADT7312 register is read. When INT is reset, it becomes
active again only when the temperature is greater than the temp-
erature stored in the THIGH setpoint register or less than the
temperature stored in the TLOW setpoint register.
Placing the ADT7312 into shutdown mode resets the INT
output in interrupt mode.
TEMPERATURE
82°C
81°C
80°C
79°C
78°C
77°C
76°C
75°C
74°C
73°C
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE HIGH
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE HIGH
T
HIGH
T
HIGH – THYST
TIME
READ
READ
READ
Figure 18. INT Output Response to THIGH Overtemperature Events
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com