Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 23 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 17Page - Analog Devices ADT7312 Datasheet HTML 18Page - Analog Devices ADT7312 Datasheet HTML 19Page - Analog Devices ADT7312 Datasheet HTML 20Page - Analog Devices ADT7312 Datasheet HTML 21Page - Analog Devices ADT7312 Datasheet HTML 22Page - Analog Devices ADT7312 Datasheet HTML 23Page - Analog Devices ADT7312 Datasheet HTML 24Page - Analog Devices ADT7312 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ADT7312
Data Sheet
| Page 22 of 24
APPLICATIONS INFORMATION
THERMAL RESPONSE TIME
Thermal response is a function of the thermal mass of the
temperature sensor, but it is also heavily influenced by the
mass of the object that the IC is mounted to. For example, a
large PCB containing large amounts of copper tracking can
act as a large heat sink and slow the thermal response. For a
faster thermal response, it is recommended that the sensor
be mounted on a PCB that is as small as possible.
SUPPLY DECOUPLING
The ADT7312 must have a decoupling capacitor connected
between VDD and GND; otherwise, incorrect temperature read-
ings are obtained. A 0.1 µF decoupling capacitor, such as a high
frequency ceramic type, must be used and mounted as close as
possible to the VDD pads of the ADT7312.
If possible, the ADT7312 should be powered directly from the
system power supply (see Figure 21). This arrangement isolates
the analog section from the logic-switching transients. Even if
a separate power supply trace is not available, generous supply
bypassing reduces supply line induced errors. Local supply
bypassing consisting of a 0.1 µF ceramic capacitor is critical for
the temperature accuracy specifications to be achieved.
0.1µF
ADT7312
TTL/CMOS
LOGIC
CIRCUITS
POWER
SUPPLY
Figure 21. Use of Separate Traces to Reduce Power Supply Noise
POWERING FROM A SWITCHING REGULATOR
Precision analog devices such as the ADT7312 require a well-
filtered power source. If the ADT7312 is powered from a
switching regulator, noise can be generated above 50 kHz that
may affect the temperature accuracy specifications. To prevent
this, an RC filter should be used between the power supply and
the ADT7312 VDD pins. The value of the components used should
be carefully considered to ensure that the peak value of the supply
noise is less than 1 mV. The RC filter should be mounted as far
away as possible from the ADT7312 to ensure that the thermal
mass is kept as low as possible.
TEMPERATURE MONITORING
The ADT7312 is ideal for monitoring the thermal environment
of high temperature automotive applications. The ADT7312
measures and converts the temperature at the surface of its own
semiconductor chip.
When the ADT7312 is used to measure the temperature of a
nearby heat source, the thermal impedance between the heat
source and the ADT7312 must be considered. When the thermal
impedance is determined, the temperature of the heat source
can be inferred from the ADT7312 output. Most of the heat
transferred from the heat source to the thermal sensor on the
ADT7312 die is routed via the copper traces, the bond pads,
and GND.
Therefore, to measure the temperature of a heat source, it is
recommended that the thermal resistance between the GND
pads of the ADT7312 and the GND of the heat source be
reduced as much as possible.
QUICK GUIDE TO MEASURING TEMPERATURE
To measure temperature in continuous conversion mode
(default power-on mode), follow these steps.
1. After power-up, reset the serial interface (load 32
consecutive 1s on DIN). This step ensures that all
internal circuitry is correctly initialized.
2. Verify the setup by reading the device ID (Register
Address 0x03). It should read 0xC3.
3. After consistent consecutive readings are obtained from
the device ID register, read the following registers:
•
Configuration register (Register Address 0x01)
•
TCRIT setpoint register (Register Address 0x04)
•
THIGH setpoint register (Register Address 0x06)
•
TLOW setpoint register (Register Address 0x07)
4. Compare the values in these registers to the default values
listed in Table 7. If all the readings match Table 7, the
interface is operational.
5. Write to the configuration register (Register Address 0x01)
to set the ADT7312 to the desired configuration. Read the
temperature value register (Register Address 0x02). It
should produce a valid temperature measurement.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com