Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 16 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 12Page - Analog Devices ADT7312 Datasheet HTML 13Page - Analog Devices ADT7312 Datasheet HTML 14Page - Analog Devices ADT7312 Datasheet HTML 15Page - Analog Devices ADT7312 Datasheet HTML 16Page - Analog Devices ADT7312 Datasheet HTML 17Page - Analog Devices ADT7312 Datasheet HTML 18Page - Analog Devices ADT7312 Datasheet HTML 19Page - Analog Devices ADT7312 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADT7312
| Page 15 of 24
TEMPERATURE VALUE REGISTER
The 16-bit, read-only temperature value register (Register
Address 0x02) stores the temperature measured by the internal
temperature sensor. The temperature is stored as a 16-bit, twos
complement value. The temperature is read back from the
temperature value register as a 16-bit value.
When the ADC is configured to convert the temperature to
a 13-bit digital value, Bits[2:0] are event alarm flags for TCRIT,
THIGH, and TLOW. When the ADC is configured to convert the
temperature to a 16-bit digital value, Bits[2:0] are the LSBs of
the extended digital value. To configure the ADC for 13-bit
or 16-bit resolution, write to Bit 7 of the configuration register
(Register Address 0x01).
ID REGISTER
The 8-bit, read-only ID register (Register Address 0x03) stores the
manufacturer ID in Bits[7:3] and the silicon revision in Bits[2:0].
TCRIT SETPOINT REGISTER
The 16-bit, read/write TCRIT setpoint register (Register
Address 0x04) stores the critical overtemperature limit value.
A critical overtemperature event occurs when the temperature
value stored in the temperature value register exceeds the value
stored in this register. The CT pin is activated if a critical over-
temperature event occurs. The temperature is stored in twos
complement format; the MSB is the temperature sign bit.
The default setting for the TCRIT setpoint is +147°C.
Table 10. Temperature Value Register (Register Address 0x02)
Bits
Default Value
Type
Name
Description
15
0
R
Sign
Sign bit. Indicates whether the temperature value is negative or positive
(0 = positive, 1 = negative).
[14:8]
0000000
R
Temp
Temperature value (Bits[14:8]) in twos complement format.
[7:3]
00000
R
Temp
Temperature value (Bits[7:3]) in twos complement format.
2
0
R
TCRIT flag/LSB 2
If the part is configured for 13-bit resolution (Register Address 0x01, Bit 7 = 0), this
bit flags a critical overtemperature event. When the temperature value exceeds
TCRIT, this bit is set to 1. If the part is configured for 16-bit resolution (Register
Address 0x01, Bit 7 = 1), this bit is LSB 2 of the 15-bit temperature value.
1
0
R
THIGH flag/LSB 1
If the part is configured for 13-bit resolution (Register Address 0x01, Bit 7 = 0), this
bit flags an overtemperature event. When the temperature value exceeds THIGH,
this bit is set to 1. If the part is configured for 16-bit resolution (Register Address
0x01, Bit 7 = 1), this bit is LSB 1 of the 15-bit temperature value.
0
0
R
TLOW flag/LSB 0
If the part is configured for 13-bit resolution (Register Address 0x01, Bit 7 = 0), this
bit flags an undertemperature event. When the temperature value falls below
TLOW, this bit is set to 1. If the part is configured for 16-bit resolution (Register
Address 0x01, Bit 7 = 1), this bit is LSB 0 of the 15-bit temperature value.
Table 11. ID Register (Register Address 0x03)
Bits
Default Value
Type
Name
Description
[7:3]
11000
R
Manufacturer ID
Contains the manufacturer identification number.
[2:0]
011
R
Revision ID
Contains the silicon revision identification number.
Table 12. TCRIT Setpoint Register (Register Address 0x04)
Bits
Default Value
Type
Name
Description
[15:0]
0x4980
R/W
TCRIT
16-bit critical overtemperature limit, stored in twos complement format. The
default setting is +147°C.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com