Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 24 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 17Page - Analog Devices ADT7312 Datasheet HTML 18Page - Analog Devices ADT7312 Datasheet HTML 19Page - Analog Devices ADT7312 Datasheet HTML 20Page - Analog Devices ADT7312 Datasheet HTML 21Page - Analog Devices ADT7312 Datasheet HTML 22Page - Analog Devices ADT7312 Datasheet HTML 23Page - Analog Devices ADT7312 Datasheet HTML 24Page - Analog Devices ADT7312 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
ADT7312
| Page 23 of 24
OUTLINE DIMENSIONS
2.350
1.950
0.092
SIDE VIEW
CIRCUIT SIDE
(Active side)
Figure 22. 10-Pad Bare Die [CHIP]
(C-10-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range3
Temperature Accuracy4
Package Description
Package Option
ADT7312WCZ-PT7
−55°C to +175°C
±1.0°C
Die in Pocket Tape
C-10-1
EVAL-ADT7X10EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 Operating at extended temperatures over prolonged periods may shorten the lifetime performance of the part.
4 Maximum accuracy over the −55°C to +175°C temperature range (VDD = 2.7 V to 3.3 V).
AUTOMOTIVE PRODUCTS
The ADT7312W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com