Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 7Page - Analog Devices ADT7312 Datasheet HTML 8Page - Analog Devices ADT7312 Datasheet HTML 9Page - Analog Devices ADT7312 Datasheet HTML 10Page - Analog Devices ADT7312 Datasheet HTML 11Page - Analog Devices ADT7312 Datasheet HTML 12Page - Analog Devices ADT7312 Datasheet HTML 13Page - Analog Devices ADT7312 Datasheet HTML 14Page - Analog Devices ADT7312 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADT7312
Data Sheet
| Page 10 of 24
ONE-SHOT MODE
When one-shot mode is enabled, the ADT7312 immediately
completes a conversion and then goes into shutdown mode.
The one-shot mode is useful when one of the circuit design
priorities is to reduce power consumption.
To enable one-shot mode, set Bits[6:5] of the configuration reg-
ister (Register Address 0x01) to 01. After writing to the operation
mode bits (Bits[6:5]), wait at least 240 ms before reading back the
temperature from the temperature value register (see Figure 11).
This delay ensures that the ADT7312 has adequate time to power
up and complete a conversion.
To obtain an updated temperature conversion, reset Bits[6:5]
of the configuration register to 01.
CT and INT Operation in One-Shot Mode
Figure 12 illustrates the operation of the CT pin in one-shot
mode when the TCRIT overtemperature limit is exceeded. Note
that in interrupt mode, a read from any register resets the CT
and INT pins. (For more information about interrupt mode and
comparator mode, see the Undertemperature and Overtemperature
Detection section.)
If the INT pin is configured for comparator mode and the
temperature falls below the THIGH − THYST value or exceeds the
TLOW + THYST value, a write to the operation mode bits of the
configuration register (Register Address 0x01, Bits[6:5] = 01)
resets the INT pin.
If the CT pin is configured for comparator mode and the
temperature falls below the TCRIT − THYST value, a write to the
operation mode bits of the configuration register (Register
Address 0x01, Bits[6:5] = 01) resets the CT pin (see Figure 12).
When using one-shot mode, ensure that the refresh rate is
appropriate to the application being used.
DIN
0x08
0x20
DATA
SCLK
DOUT
CS
WAIT 240ms MINIMUM
FOR CONVERSION TO FINISH
Figure 11. Typical SPI One-Shot Write to Configuration Register Followed by a Read from the Temperature Value Register
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com