Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 107 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 107 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 103Page - Microchip Technology LAN9220 Datasheet HTML 104Page - Microchip Technology LAN9220 Datasheet HTML 105Page - Microchip Technology LAN9220 Datasheet HTML 106Page - Microchip Technology LAN9220 Datasheet HTML 107Page - Microchip Technology LAN9220 Datasheet HTML 108Page - Microchip Technology LAN9220 Datasheet HTML 109Page - Microchip Technology LAN9220 Datasheet HTML 110Page - Microchip Technology LAN9220 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 107
LAN9220
5.5.4
PHY IDENTIFIER 2
5.5.5
AUTO-NEGOTIATION ADVERTISEMENT
Note 5-2
When both symmetric PAUSE and asymmetric PAUSE support are advertised (value of 11), the
device will only be configured to, at most, one of the two settings upon auto-negotiation completion.
Index (In Decimal):
3
Size:
16-bits
Bits
Description
Type
Default
15-10
PHY ID Number Assigned to the 19th through 24th bits of the OUI.
RO
0xC0C3h
9 - 4
Model Number. Six-bit manufacturer’s model number.
RO
3 - 0
Revision Number. Four-bit manufacturer’s revision number.
RO
Index (In Decimal):
4
Size:
16-bits
Bits
Description
Type
Default
15:14
Reserved
RO
00
13
Remote Fault. 1 = remote fault detected, 0 = no remote fault
R/W
0
12
Reserved
R/W
0
11:10
Pause Operation. (See Note 5-2)
00 No PAUSE
01 Symmetric PAUSE
10 Asymmetric PAUSE
11 Advertise support for both Symmetric PAUSE and Asymmetric PAUSE
R/W
00
9
Reserved
RO
0
8
100Base-TX Full Duplex. 1 = TX with full duplex, 0 = no TX full duplex
ability
R/W
1
7
100Base-TX. 1 = TX able, 0 = no TX ability
R/W
1
6
10Base-T Full Duplex.
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
R/W
1
5
10Base-T. 1 = 10Mbps able, 0 = no 10Mbps ability
R/W
1
4:0
Selector Field. [00001] = IEEE 802.3
R/W
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com