Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 132 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 132 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 128Page - Microchip Technology LAN9220 Datasheet HTML 129Page - Microchip Technology LAN9220 Datasheet HTML 130Page - Microchip Technology LAN9220 Datasheet HTML 131Page - Microchip Technology LAN9220 Datasheet HTML 132Page - Microchip Technology LAN9220 Datasheet HTML 133Page - Microchip Technology LAN9220 Datasheet HTML 134Page - Microchip Technology LAN9220 Datasheet HTML 135Page - Microchip Technology LAN9220 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 142 page
background image
LAN9220
DS00002417A-page 132
 2006-2017 Microchip Technology Inc.
Note 7-7
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add +/- 50uA per-pin (typical). When operating at reduced VDDVARIO voltage levels (less
than 3.0V), do not rely on internal pull-up and pull-down resistors to determine signal state. Refer to
the individual signal descriptions in Section 2.0, "Pin Description and Configuration" for more
information.
Note 7-8
This is the total VIN input leakage for the entire device. This value should be divided by the number
of pins driven to VIN MAX to calculate per-pin leakage. For example, if 10 pins are driven to the
maximum operational limit for VIN (5.5V or 5.25V, dependent on VDDVARIO), the per-pin input
leakage is the maximum input leakage current divided by 10.
TABLE 7-8:
I/O BUFFER CHARACTERISTICS VDDVARIO=1.8V +/- 10%
Parameter
Symbol
MIN
TYP
MAX
Units
Notes
VIS Type Input Buffer
Low Input Level
VILI
-0.3
V
High Input Level
VIHI
5.25
V
Negative-Going Threshold
VILT
0.54
0.69
0.83
V
Schmitt Trigger
Positive-Going Threshold
VIHT
0.878
1.06
1.24
V
Schmitt Trigger
Schmitt Trigger Hysteresis
(VIHT - VILT)
VHYS
277
368
525
mV
Input Leakage
(VIN = VSS or VDDVARIO)
IIH
-10
+10
uA
Note 7-7
Input Leakage
(VIN = 5.25V)
IIH
120
uA
Note 7-7, Note 7-8
Input Capacitance
CIN
2.5
pF
VO12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 4mA
High Output Level
VOH
VDDVARIO - 0.4
VIOH = -4mA
VOD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 4mA
VOD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 3mA
VO8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 3mA
High Output Level
VOH
VDDVARIO - 0.4
VIOH = -3mA
ICLK Input Buffer
Low Input Level
VILCK
-0.3
0.5
V
High Input Level
VIHCK
1.4
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com