Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 128 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 128 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 124Page - Microchip Technology LAN9220 Datasheet HTML 125Page - Microchip Technology LAN9220 Datasheet HTML 126Page - Microchip Technology LAN9220 Datasheet HTML 127Page - Microchip Technology LAN9220 Datasheet HTML 128Page - Microchip Technology LAN9220 Datasheet HTML 129Page - Microchip Technology LAN9220 Datasheet HTML 130Page - Microchip Technology LAN9220 Datasheet HTML 131Page - Microchip Technology LAN9220 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 142 page
background image
LAN9220
DS00002417A-page 128
 2006-2017 Microchip Technology Inc.
7.4
Power Consumption (Device and System Components)
This section provides typical power consumption values for a complete Ethernet interface based on the LAN9220,
including the power dissipated by the magnetics and other passive components.
Temperature: ........................................................................................................................................................... +25
C
Device VDD (VDDVARIO, VDD33REG, VDD33A): ...............................................................................................+3.30V
Note:
The power measurements list below were taken under the following conditions:
Note:
Power dissipation is determined by operating frequency, temperature, and supply voltage, as well as exter-
nal source/sink requirements.
TABLE 7-2:
POWER CONSUMPTION DEVICE AND SYSTEM COMPONENTS
Mode
Total Power - Typical (mW)
10BASE-T Operation
D0, 10BASE-T /w traffic
596
D0, Idle
591
D1, Idle
492
D2, Energy Detect Power Down
64
D2, General Power Down
11
100BASE-TX Operation
D0, 100BASE-TX /w traffic
522
D0, Idle
510
D1, Idle
416
D2, Energy Detect Power Down
64
D2, General Power Down
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com