Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 125 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 125 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 121Page - Microchip Technology LAN9220 Datasheet HTML 122Page - Microchip Technology LAN9220 Datasheet HTML 123Page - Microchip Technology LAN9220 Datasheet HTML 124Page - Microchip Technology LAN9220 Datasheet HTML 125Page - Microchip Technology LAN9220 Datasheet HTML 126Page - Microchip Technology LAN9220 Datasheet HTML 127Page - Microchip Technology LAN9220 Datasheet HTML 128Page - Microchip Technology LAN9220 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 125
LAN9220
6.11
EEPROM Timing
The following specifies the EEPROM timing requirements for the LAN9220.
FIGURE 6-10:
EEPROM TIMING
TABLE 6-11:
EEPROM TIMING VALUES
Symbol
Description
MIN
TYP
MAX
Units
tCKCYC
EECLK Cycle time
1110
1130
ns
tCKH
EECLK High time
550
570
ns
tCKL
EECLK Low time
550
570
ns
tCSHCKH
EECS high before rising edge of EECLK
1070
ns
tCKLCSL
EECLK falling edge to EECS low
30
ns
tDVCKH
EEDIO valid before rising edge of EECLK
(OUTPUT)
550
ns
tCKHDIS
EEDIO disable after rising edge EECLK
(OUTPUT)
550
ns
tDSCKH
EEDIO setup to rising edge of EECLK (INPUT)
90
ns
tDHCKH
EEDIO hold after rising edge of EECLK
(INPUT)
0ns
tCKLDIS
EECLK low to data disable (OUTPUT)
580
ns
tCSHDV
EEDIO valid after EECS high (VERIFY)
600
ns
tDHCSL
EEDIO hold after EECS low (VERIFY)
0
ns
tCSL
EECS low
1070
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com