Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 30 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 26Page - Analog Devices ADAS1000 Datasheet HTML 27Page - Analog Devices ADAS1000 Datasheet HTML 28Page - Analog Devices ADAS1000 Datasheet HTML 29Page - Analog Devices ADAS1000 Datasheet HTML 30Page - Analog Devices ADAS1000 Datasheet HTML 31Page - Analog Devices ADAS1000 Datasheet HTML 32Page - Analog Devices ADAS1000 Datasheet HTML 33Page - Analog Devices ADAS1000 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
ELECTRODE/LEAD FORMATION AND INPUT
STAGE CONFIGURATION
The input stage of the ADAS1000/ADAS1000-1/ADAS1000-2
can be arranged in several different manners. The input amplifi-
ers are differential amplifiers and can be configured to generate
the leads in the analog domain, before the ADCs. In addition
to this, the digital data can be configured to provide either
electrode or lead format under user control as described in
Table 37. This allows maximum flexibility of the input stage
for a variety of applications.
Analog Lead Mode and Calculation
Leads are configured in the analog input stage when CHCONFIG
= 1, as shown in Figure 58. This uses a traditional in-amp structure
where lead formation is performed prior to digitization, with
WCT created using the common-mode amplifier. While this
results in the inversion of Lead II in the analog domain, this is
digitally corrected so output data have the proper polarity.
Digital Lead Mode and Calculation
When the ADAS1000/ADAS1000-1/ADAS1000-2 are configured
for digital lead mode (see the FRMCTL register, Register 0x0A[4],
Table 37), the digital core calculates each lead from the electrode
signals. This is straightforward for Lead I/ Lead II/Lead III.
Calculating V1’ and V2’ requires WCT, which is also computed
internally for this purpose. This mode ignores the common-
mode configuration specified in the CMREFCTL register
(Register 0x05). Digital lead calculation is only available in
2 kHz and 16k Hz data rates (see Figure 59).
Electrode Mode: Single-Ended Input Electrode
Configuration
In this mode, the electrode data are digitized relative to the
common-mode signal, VCM, which can be arranged to be any
combination of the contributing ECG electrodes. Common-
mode generation is controlled by the CMREFCTL register as
described in Table 32 (see Figure 61).
Electrode Mode: Common Electrode A and Electrode B
Configurations
In this mode, all electrodes are digitized relative to a common
electrode, for example, RA. Standard leads must be calculated by
post processing the output data of the ADAS1000/ADAS1000-1/
ADAS1000-2 (see Figure 60 and Figure 62).
Figure 57. Electrode and Lead Configurations
MODE
COMMENT
WORD1
WORD2
WORD3
WORD4
WORD5
COMMON
ELECTRODE (CE)
LEADS (HERE RA
ELECTRODE IS
CONNECTED TO THE
CE ELECTRODE
(CM_IN) AND V3 IS ON
ECG3 INPUT)
LEAD I
(LA − RA)
LEAD II
(LL − RA)
V3’
(V3 – RA) − (LA − RA) − (LL − RA)
V1’
(V1 − RA) − (LA − RA) + (LL − RA)
V2’
(V2 − RA) − (LA − RA) + (LL − RA)
ANALOG LEAD
LEAD I
(LA − RA)
LEAD II
(LL − RA)
LEAD III
(LL − LA)
V1’
(V1 − VCM)
V2’
(V2 − VCM)
SINGLE-ENDED
INPUT ELECTRODE
RELATIVE TO VCM
LL − VCM
LEADS FORMED
RELATIVE TO A
COMMON
ELECTRODE (CE)
LA − CE
LL − CE
V1 − CE
V2 − CE
LEAD I
(LA − RA)
LEAD II
(LL − RA)
LEAD III
(LL − LA)
V1’
(V1 − WCT4)
V2’
(V2 − WCT4)
SINGLE-ENDED
INPUT, DIGITALLY
CALCULATED LEADS
COMMON
ELECTRODE A
ANALOG LEAD
SINGLE-ENDED
INPUT
ELECTRODE
COMMON
ELECTRODE B
DIGITAL LEAD
0x0A
[4]1
0x01
[10]2
0x05
[8]3
0
0
0
1
1
0
0
0
0
0
1
1
0
1
0
LA − VCM
V3 − CE
RA − VCM
V1 − VCM
V2 − VCM
3
3
3
1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE.
2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE).
3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED.
4WILSON CENTRAL TERMINAL (WCT) = (RA + LA + LL)/3, THIS IS A DIGITALLY CALCULATED WCT BASED ON THE RA, LA, LL MEASUREMENTS.
Rev. B | Page 30 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com