Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 61 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 57Page - Analog Devices ADAS1000 Datasheet HTML 58Page - Analog Devices ADAS1000 Datasheet HTML 59Page - Analog Devices ADAS1000 Datasheet HTML 60Page - Analog Devices ADAS1000 Datasheet HTML 61Page - Analog Devices ADAS1000 Datasheet HTML 62Page - Analog Devices ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Table 32. Common-Mode, Reference, and Shield Drive Control Register (CMREFCTL) Address 0x05, Reset Value = 0xE00000
R/W
Default
Bit
Name
Function
R/W
1
23
LACM
Common-mode electrode select.
R/W
1
22
LLCM
Any combination of the five input electrodes can be used to create the common-mode
signal, VCM. Bits[23:19] are ignored when Bit 2 is selected. Common mode is the average of
the selected electrodes. When a single electrode is selected, common mode is the signal
level of that electrode alone. The common-mode signal can be driven from the internal
VCM_REF (1.3 V) when Bits [23:19] = 0.
R/W
1
21
RACM
R/W
0
20
V1CM
R/W
0
19
V2CM
0 = does not contribute to the common mode.
1 = contributes to the common mode.
0
[18:15]
Reserved
Reserved, set to 0.
R/W
0
14
LARLD
RLD summing junction. Note that if the RLD amplifier is disabled (using RLDSEL), these
switches are not automatically forced open, and the user must disable them using Bits[9:14].
R/W
0
13
LLRLD
R/W
0
12
RARLD
0 (default) = does not contribute to RLD input.
R/W
0
11
V1RLD
1 = contributes to RLD input.
R/W
0
10
V2RLD
R/W
0
9
CERLD
R/W
0
8
CEREFEN
Common electrode (CE) reference, see Figure 58.
0 (default) = common electrode disabled.
1 = common electrode enabled.
R/W
0000
[7:4]
RLDSEL [3:0]1
Select electrode for reference drive.
0000 (default) = RLD_OUT.
0001 = LA.
0010 = LL.
0011 = RA.
0100 = V1.
0101 = V2.
0110 to 1111 = reserved.
R/W
0
3
DRVCM
Common-mode output. When set, the internally derived common-mode signal is driven out
of the common-mode pin. This bit has no effect if an external common mode is selected.
0 (default) = common mode is not driven out.
1 = common mode is driven out of the external common-mode pin.
R/W
0
2
EXTCM
Select the source of common mode (use when operating multiple devices together).
0 (default) = internal common mode selected.
1 = external common mode selected (all the internal common-mode switches are off).
R/W
0
1
RLDSEL1
Enable right leg drive reference electrode.
0 (default) = disabled.
1 = enabled.
R/W
0
0
SHLDEN1
Enable shield drive.
0 (default) = shield drive disabled.
1 = shield drive enabled.
1
ADAS1000 and ADAS1000-1 models only, ADAS1000-2 models does not contain these features.
Rev. B | Page 61 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com