Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 69 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices ADAS1000 Datasheet HTML 68Page - Analog Devices ADAS1000 Datasheet HTML 69Page - Analog Devices ADAS1000 Datasheet HTML 70Page - Analog Devices ADAS1000 Datasheet HTML 71Page - Analog Devices ADAS1000 Datasheet HTML 72Page - Analog Devices ADAS1000 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Table 47. Lead-Off Status Register (LOFF) Address 0x1D, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
R
0
23
RLD lead-off status
Electrode connection status.
22
LA lead-off status
If either dc or ac lead-off is enabled, these bits are the corresponding lead-off status. If
both dc and ac lead-off are enabled, these bits reflect only the ac lead-off status. DC
lead-off is available in the DCLEAD-OFF register (see Table 48).
21
LL lead-off status
20
RA lead-off status
19
V1 lead-off status
The common electrodes have only dc lead-off detection.
18
V2 lead-off status
An ac lead-off signal can be injected into the common electrode, but there is no ADC
input to measure its amplitude. If the common electrode is off, it affects the ac lead-off
amplitude of the other electrodes.
13
CELO
These bits accumulate in the frame buffer and are cleared when the frame buffer is
loaded into the SPI buffer.
0 = electrode is connected.
1 = electrode is disconnected.
RLD lead-off is not detected in ac lead-off.
R
0
[17:14]
Reserved
Reserved.
R
0
12
LAADCOR
ADC out of range error.
11
LLADCOR
These status bits indicate the resulting ADC code is out of range.
10
RAADCOR
These bits accumulate in the frame buffer and are cleared when the frame buffer is
loaded into the SPI buffer.
9
V1ADCOR
8
V2ADCOR
R
0
[7:0]
Reserved
Reserved.
Table 48. DC Lead-Off Register (DCLEAD-OFF) Address 0x1E, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
R
0
23
RLD input
overrange
The dc lead-off detection is comparator based and compares to a fixed level. Individual
electrode bits flag indicate if the dc lead-off comparator threshold level has been exceeded.
22
LA input overrange
0 = electrode < overrange threshold, 2.4 V.
21
LL input overrange
1 = electrode > overrange threshold, 2.4 V.
20
RA input
overrange
19
V1 input overrange
18
V2 input overrange
13
CE input overrange
R
0
[17:14]
[6:3]
Reserved
Reserved.
R
0
12
RLD input
underrange
The dc lead-off detection is comparator based and compares to a fixed level. Individual
electrode bits indicate if the dc lead-off comparator threshold level has been exceeded.
11
LA input
underrange
0 = electrode > underrange threshold, 0.2 V.
10
LL input
underrange
1 = electrode < underrange threshold, 0.2 V.
9
RA input
underrange
8
V1 input overrange
7
V2 input overrange
2
CE input
underrange
R
0
[1:0]
Reserved
1
This register is not part of framing data, but can be read by issuing a register read command of this address.
Rev. B | Page 69 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com