Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 55 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 51Page - Analog Devices ADAS1000 Datasheet HTML 52Page - Analog Devices ADAS1000 Datasheet HTML 53Page - Analog Devices ADAS1000 Datasheet HTML 54Page - Analog Devices ADAS1000 Datasheet HTML 55Page - Analog Devices ADAS1000 Datasheet HTML 56Page - Analog Devices ADAS1000 Datasheet HTML 57Page - Analog Devices ADAS1000 Datasheet HTML 58Page - Analog Devices ADAS1000 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
SPI OUTPUT FRAME STRUCTURE (ECG AND STATUS DATA)
Three data rates are offered for reading ECG data: low speed 2 kHz/16 kHz rates for electrode/lead data (32-bit words) and a high speed
128 kHz for electrode/lead data (16-bit words).
Figure 82. Output Frame Structure for 2 kHz and 16 kHz Data Rates with SDO Data Configured for Electrode or Lead Data
Figure 83. Output Frame Structure for 128 kHz Data Rate with SDO Data Configured for Electrode Data
(The 128 kHz Data Rate Can Provide Single-Ended Electrode Data or Analog Lead Mode Data Only. Digital Lead Mode Is Not Available at 128 kHz Data Rate.)
CS1
SCLK
SDO2
DRDY
1 CS MAY BE USED IN ONE OF THE FOLLOWING WAYS:
A) HELD LOW ALL THE TIME.
B) USED TO FRAME THE ENTIRE PACKET OF DATA.
C) USED TO FRAME EACH INDIVIDUAL 32-BIT WORD.
2 SUPER SET OF FRAME DATA, WORDS MAY BE EXCLUDED.
32-BIT
DATA WORDS
2
6
5
4
7
3
1
9
10
8
DRIVEN OUTPUT DATA STREAM
EACH SCLK WORD IS 32 CLOCK CYCLES
ANOTHER FRAME OF DATA
11
CS1
SCLK
SDO2
2
6
5
4
7
3
1
DRDY
9
11
10
8
DRIVEN OUTPUT DATA STREAM
ANOTHER FRAME
EACH SCLK WORD IS 16 CLOCK CYCLES
16-BIT
DATA WORDS
12
1 CS MAY BE USED IN ONE OF THE FOLLOWING WAYS:
A) HELD LOW ALL THE TIME.
B) USED TO FRAME THE ENTIRE PACKET OF DATA.
C) USED TO FRAME EACH INDIVIDUAL 16-BIT WORD.
2 SUPER SET OF FRAME DATA, WORDS MAY BE EXCLUDED.
13
Rev. B | Page 55 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com