Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 74 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 70Page - Analog Devices ADAS1000 Datasheet HTML 71Page - Analog Devices ADAS1000 Datasheet HTML 72Page - Analog Devices ADAS1000 Datasheet HTML 73Page - Analog Devices ADAS1000 Datasheet HTML 74Page - Analog Devices ADAS1000 Datasheet HTML 75Page - Analog Devices ADAS1000 Datasheet HTML 76Page - Analog Devices ADAS1000 Datasheet HTML 77Page - Analog Devices ADAS1000 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
EXAMPLES OF INTERFACING TO THE ADAS1000
The following examples shows register commands required to
configure the ADAS1000 device into particular modes of
operation and to start framing ECG data.
Example 1: Initialize the ADAS1000 for ECG Capture and
Start Streaming Data
1. Write 1 configures the CMREFCTL register for CM =
WCT = (LA + LL + RA)/3; RLD is enabled onto the
RLD_OUT electrode. The shield amplifier is enabled.
2. Write 2 configures the FRMCTL register to output nine
words per frame/packet. The frame/packet of words
consist of the header, five ECG words, pace, respiration
magnitude, and lead-off. The frame is configured to
always send, irrespective of ready status. The ADAS1000
is in analog lead format mode with a data rate of 2 kHz.
3. Write 3 addresses the ECGCTL register, enabling all
channels into a gain of 1.4, low noise mode, and differen-
tial input, which configures the device for analog lead
mode. This register also configures the device as a master,
using the external crystal as the input source to the XTALx
pins. The ADAS1000 is also put into conversion mode in
this write.
4. Write 4 issues the read command to start putting the
converted data out on the SDO pin.
5. Continue to issue SCLK cycles to read the converted data
at the configured packet data rate (2 kHz). The SDI input
must be held low when reading back the conversion data
because any commands issued to the interface during read
of frame/packet are understood to be a change of configu-
ration data and stop the ADC conversions to allow the
interface to process the new command.
Example 2: Enable Respiration and Stream Conversion
Data
1. Write 1 configures the RESPCTL register with a 56 kHz
respiration drive signal, gain = 1, driving out through
the respiration capacitors and measuring on Lead I.
2. Write 2 issues the read command to start putting the
converted data out on the SDO pin.
3. Continue to issue SCLK cycles to read the converted data
at the configured packet data rate.
4. Note that this example assumes that the FRMCTL register
has already been configured such that the respiration
magnitude is available in the data frame, as arranged in
Write 2 of Example 1.
Example 3: DC Lead-Off and Stream Conversion Data
1. Write 1 configures the LOFFCTL register with a dc lead-off
enabled for a lead-off current of 50 nA.
2. Write 2 issues the read command to start putting the
converted data out on the SDO pin.
3. Continue to issue SCLK cycles to read the converted
data at the configured packet data rate.
4. Note that this example assumes that the FRMCTL register
has already been configured such that the dc lead-off word
is available in the data frame, as arranged in Write 2 of
Example 1.
Table 56. Example 1: Initialize the ADAS1000 for ECG Capture and Start Streaming Data
Write Command
Register Addressed
Read/Write Bit
Register Address
Data
32-Bit Write Command
Write 1
CMREFCTL
1
000 0101
1110 0000 0000 0000 0000 1011
0x85E0000B
Write 2
FRMCTL
1
000 1010
0000 0111 1001 0110 0000 0000
0x8A079600
Write 3
ECGCTL
1
000 0001
1111 1000 0000 0100 1010 1110
0x81F804AE
Write 4
FRAMES
0
100 0000
0000 0000 0000 0000 0000 0000
0x40000000
Table 57. Example 2: Enable Respiration and Stream Conversion Data
Write Command
Register Addressed
Read/Write Bit
Register Address
Data
32-Bit Write Command
Write 1
RESPCTL
1
000 0011
0000 0000 0010 0000 1001 1001
0x83002099
Write 2
FRAMES
0
100 0000
0000 0000 0000 0000 0000 0000
0x40000000
Table 58. Example 3: Enable DC Lead-Off and Stream Conversion Data
Write Command
Register addressed
Read/Write Bit
Register Address
Data
32-Bit Write Command
Write 1
LOFFCTL
1
000 0010
0000 0000 0000 0000 0001 0101
0x82000015
Write 2
FRAMES
0
100 0000
0000 0000 0000 0000 0000 0000
0x40000000
Rev. B | Page 74 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com