Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 66 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 62Page - Analog Devices ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices ADAS1000 Datasheet HTML 68Page - Analog Devices ADAS1000 Datasheet HTML 69Page - Analog Devices ADAS1000 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Table 38. Filter Control Register (FILTCTL) Address 0x0B, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
R/W
0
[23:6]
Reserved
Reserved, set to 0
R/W
0
5
MN2K
2 kHz notch bypass for SPI master
0 (default) = notch filter bypassed
1 = notch filter present
R/W
0
4
N2KBP
2 kHz notch bypass
0 (default) = notch filter present
1 = notch filter bypassed
R/W
00
[3:2]
LPF[1:0]
00 (default) = 40 Hz
01 = 150 Hz
10 = 250 Hz
11 = 450 Hz
R/W
00
[1:0]
Reserved
Reserved, set to 0
Table 39. AC Lead-Off Upper Threshold Register (LOFFUTH) Address 0x0C, Reset Value = 0x00FFFF
R/W
Default
Bit
Name
Function
0
[23:20]
Reserved
Reserved, set to 0
R/W
0
[19:16]
ADCOVER[3:0]
ADC overrange threshold
An ADC out-of-range error is flagged if the ADC output is greater than the overrange
threshold; the overrange threshold is offset from the maximum value
Threshold = max_value – ADCOVER × 26
0000 = maximum value (disabled)
0001 = max_value – 64
0010 = max_value – 128
…
1111 = max_value − 960
R/W
0xFFFF
[15:0]
LOFFUTH[15:0]
Applies to ac lead-off upper threshold only; lead-off is detected if the output is ≥ N ×
2 × VREF/GAIN/216
0 = 0 V
Table 40. AC Lead-Off Lower Threshold Register (LOFFLTH) Address 0x0D, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
0
[23:20]
Reserved
Reserved, set to 0
R/W
0
[19:16]
ADCUNDR[3:0]
ADC underrange threshold
An ADC out-of-range error is flagged if the ADC output is less than the underrange
threshold
Threshold = min_value + ADCUNDR × 26
0000 = minimum value (disabled)
0001 = min_value + 64
0010 = min_value + 128
…
1111 = min_value + 960
R/W
0
[15:0]
LOFFLTH[15:0]
Applies to ac lead-off lower threshold only; lead-off is detected if the output is ≤ N ×
2 × VREF/GAIN/216
0 = 0 V
Rev. B | Page 66 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com