Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 32Page - Analog Devices ADAS1000 Datasheet HTML 33Page - Analog Devices ADAS1000 Datasheet HTML 34Page - Analog Devices ADAS1000 Datasheet HTML 35Page - Analog Devices ADAS1000 Datasheet HTML 36Page - Analog Devices ADAS1000 Datasheet HTML 37Page - Analog Devices ADAS1000 Datasheet HTML 38Page - Analog Devices ADAS1000 Datasheet HTML 39Page - Analog Devices ADAS1000 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
WILSON CENTRAL TERMINAL (WCT)
The flexibility of the common-mode selection averaging allows
the user to achieve a Wilson central terminal voltage from the
ECG1_LA, ECG2_LL, ECG3_RA electrodes.
RIGHT LEG DRIVE/REFERENCE DRIVE
The right leg drive amplifier or reference amplifier is used as
part of a feedback loop to force the patient’s common-mode
voltage close to the internal 1.3 V reference level (VCM_REF)
of the ADAS1000/ADAS1000-1/ADAS1000-2. This centers all
the electrode inputs relative to the input span, providing
maximum input dynamic range. It also helps to reject noise
and interference from external sources such as fluorescent
lights or other patient-connected instruments, and absorbs
the dc or ac lead-off currents injected on the ECG electrodes.
The RLD amplifier can be used in a variety of ways as shown in
Figure 67. Its input can be taken from the CM_OUT signal
using an external resistor. Alternatively, some or all of the
electrode signals can be combined using the internal switches.
The DC gain of the RLD amplifier is set by the ratio of the external
feedback resistor (RFB) to the effective input resistor, which can
be set by an external resistor, or alternatively, a function of the
number of selected electrodes as configured in the CMREFCTL
register (see Table 32). In a typical case, using the internal resistors
for RIN, all active electrodes are used to derive the right leg drive,
resulting in a 2 kΩ effective input resistor. Achieving a typical
dc gain of 40 dB thus requires a 200 kΩ feedback resistor.
The dynamics and stability of the RLD loop depend on the chosen
dc gain and the resistance and capacitance of the patient cabling.
In general, loop compensation using external components is
required, and must be determined experimentally for any given
instrument design and cable set. In some cases, adding lead
compensation proves necessary, while in others, lag compensation
is more appropriate. The summing junction of the RLD amplifier is
brought out to a package pin (RLD_SJ) to facilitate compensation.
The short circuit current capability of the RLD amplifier
exceeds regulatory limits. A patient protection resistor is
required to achieve compliance.
Within the RLD block, there is lead-off comparator circuitry
that monitors the RLD amplifier output to determine whether
the patient feedback loop is closed. An open-loop condition,
typically the result of the right leg electrode (RLD_OUT) becoming
detached, tends to drive the output of the amplifier low. This type
of fault is flagged in the header word (see Table 54), allowing the
system software to take action by notifying the user, redirecting the
reference drive to another electrode via the internal switches of
the ADAS1000/ ADAS1000-1/ADAS1000-2, or both. The
detection circuitry is local to the RLD amplifier and remains
functional with a redirected reference drive. Table 32 provides
details on reference drive redirection.
While reference drive redirection can be useful in the event that
the right leg electrode cannot be reattached, some precautions
must be observed. Most important is the need for a patient
protection resistor. Because this is an external resistor, it does
not follow the redirected reference drive; some provision for
continued patient protection is needed external to the ADAS1000/
ADAS1000-1/ADAS1000-2. Any additional resistance in the
ECG paths certainly interferes with respiration measurement
and may also result in an increase in noise and decrease in CMRR.
The RLD amplifier is designed to stably drive a maximum
capacitance of 5 nF based on the gain configuration (see
Figure 67) and assuming a 330 kΩ patient protection resistor.
Figure 67. Right Leg Drive—Possible External Component Configuration
ELECTRODE LA
ELECTRODE LL
ELECTRODE RA
ELECTRODE V1
ELECTRODE V2
+
–
SW2
CM_IN OR
CM BUFFER OUT
SW3
SW6
SW5
SW4
SW1
EXTERNALLY SUPPLIED COMPONENTS
TO SET RLD LOOP GAIN
CZ
2nF
40k
Ω
RIN*
4M
Ω
RFB*
100kΩ
RZ
VCM_REF
(1.3V)
RLD_OUT
RLD_SJ
ADAS1000
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
RLD_INT_REDIRECT
CM_OUT/WCT
*EXTERNAL RESISTOR RIN IS OPTIONAL. IF DRIVING RLD FROM
THE ELECTRODE PATHS, THEN THE SERIES RESISTANCE WILL
CONTRIBUTE TO THE RIN IMPEDANCE. WHERE SW1 TO SW5
ARE CLOSED, RIN = 2kΩ. RFB SHOULD BE CHOSEN
ACCORDINGLY FOR DESIRED RLD LOOP GAIN.
Rev. B | Page 36 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com