Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 3Page - Analog Devices ADAS1000 Datasheet HTML 4Page - Analog Devices ADAS1000 Datasheet HTML 5Page - Analog Devices ADAS1000 Datasheet HTML 6Page - Analog Devices ADAS1000 Datasheet HTML 7Page - Analog Devices ADAS1000 Datasheet HTML 8Page - Analog Devices ADAS1000 Datasheet HTML 9Page - Analog Devices ADAS1000 Datasheet HTML 10Page - Analog Devices ADAS1000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC LEAD-OFF
Internal current source, pulls up open ECG pins;
programmable in 10 nA steps: 10 nA to 70 nA
Lead-Off Current Accuracy
±10
%
Of programmed value
High Threshold Level1
2.4
V
Inputs are compared to threshold levels; if inputs
exceed levels, lead-off flag is raised
Low Threshold Level1
0.2
V
Threshold Accuracy
25
mV
AC LEAD-OFF
Programmable in 4 steps: 12.5 nA rms, 25 nA rms,
50 nA rms, 100 nA rms
Frequency Range
2.039
kHz
Fixed frequency
Lead-Off Current Accuracy
±10
%
Of programmed value, measured into low impedance
REFIN
Input Range2
1.76
1.8
1.84
V
Channel gain scales directly with REFIN
Input Current
113
μA
Per active ADC
450
675
950
μA
5 ECG channels and respiration enabled
REFOUT
On-chip reference voltage for ADC; not intended to
drive other components reference inputs directly,
must be buffered externally
Output Voltage, VREF
1.785
1.8
1.815
V
Reference Tempco1
±10
ppm/°C
Output Impedance2
0.1
Ω
Short Circuit Current1
4.5
mA
Short circuit to ground
Voltage Noise1
33
μV p-p
0.05 Hz to 150 Hz (ECG band)
17
μV p-p
0.05 Hz to 5 Hz (respiration)
CALIBRATION DAC
Available on CAL_DAC_IO (output for master, input
for slave)
DAC Resolution
10
Bits
Full-Scale Output Voltage
2.64
2.7
2.76
V
No load, nominal FS output is 1.5 × REFOUT
Zero-Scale Output Voltage
0.24
0.3
0.36
V
No load
DNL
−1
+1
LSB
Output Series Resistance2
10
kΩ
Not intended to drive low impedance load, used for
slave CAL_DAC_IO configured as an input
Input Current
±5
nA
When used as input
CALIBRATION DAC TEST TONE
Output Voltage
0.9
1
1.1
mV p-p
Rides on common-mode voltage, VCM_REF = 1.3 V
Square Wave
1
Hz
Low Frequency Sine Wave
10
Hz
High Frequency Sine Wave
150
Hz
SHIELD DRIVER (ADAS1000/
ADAS1000-1 ONLY)
Output Voltage Range
0.3
2.3
V
Rides on common-mode voltage, VCM
Gain
1
V/V
Offset Voltage
−20
+20
mV
Short Circuit Current
15
25
μA
Output current limited by internal series resistance
Stable Capacitive Load2
10
nF
CRYSTAL OSCILLATOR
Applied to XTAL1 and XTAL2
Frequency2
8.192
MHz
Start-Up Time2
15
ms
Internal startup
CLOCK_IO
External clock source supplied to CLK_IO; this pin
is configured as an input when the device is
programmed as a slave
Operating Frequency2
8.192
MHz
Input Duty Cycle2
20
80
%
Output Duty Cycle2
50
%
DIGITAL INPUTS
Applies to all digital inputs
Input Low Voltage, VIL
0.3 × IOVDD
V
Input High Voltage, VIH
0.7 × IOVDD
V
Input Current, IIH, IIL
−1
+1
μA
−20
+20
μA
RESET has an internal pull-up
Pin Capacitance2
3
pF
Rev. B | Page 7 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com