Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 67 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices ADAS1000 Datasheet HTML 68Page - Analog Devices ADAS1000 Datasheet HTML 69Page - Analog Devices ADAS1000 Datasheet HTML 70Page - Analog Devices ADAS1000 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Table 41. Pace Edge Threshold Register (PACEEDGETH) Address 0x0E, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
R/W
0
[23:16]
PACE3EDGTH
Pace edge trigger threshold
R/W
0
[15:8]
PACE2EDGTH
0 = PACEAMPTH/2
R/W
0
[7:0]
PACE1EDGTH
1 = VREF/GAIN/216
N = N × VREF/GAIN/216
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 42. Pace Level Threshold Register (PACELVLTH) Address 0x0F, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
R/W
0
[23:16]
PACE3LVLTH[7:0]
Pace level threshold; this is a signed value
R/W
0
[15:8]
PACE2LVLTH[7:0]
−1 = 0xFF = −VREF/GAIN/216
R/W
0
[7:0]
PACE1LVLTH[7:0]
0 = 0x00 = 0 V
+1 = 0x01 = +VREF/GAIN/216
N = N × VREF/GAIN/216
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 43. Read Electrode/Lead Data Registers (Electrode/Lead) Address 0x11 to 0x15, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
[31:24]
Address [7:0]
0x11: LA or Lead I.
0x12: LL or Lead II.
0x13: RA or Lead III.
0x14: V1 or V1’.
0x15: V2 or V2’.
R
0
[23:0]
ECG data
Channel data value. Data left justified (MSB) irrespective of data rate.
The input stage can be configured into different modes (electrode, analog lead, or digital
lead) as shown in Table 11. In electrode mode and analog lead mode, the digital result
value is an unsigned integer.
In digital lead/vector mode, the value is a signed twos complement integer format and has
a 2× range compared to electrode format because it can swing from +VREF to –VREF;
therefore, the LSB size is doubled.
Electrode mode and analog lead mode:
Minimum value (000…) = 0 V
Maximum value (1111….) = VREF/GAIN
LSB = (2 × VREF/GAIN)/(2N– 1)
ECG (voltage) = ECG Data × (2 × VREF/GAIN)/(2N– 1)
Digital lead mode:
Minimum value (1000…) = −(VREF/GAIN)
Maximum value (0111….) = +VREF/GAIN
LSB = (4 × VREF/GAIN)/(2N – 1)
ECG (voltage) = ECG Data × (4 × VREF/GAIN)/(2N – 1)
where N = number of data bits: 16 for 128 kHz data rate or 24 for 2 kHz/16 kHz data rate.
1
If using 128 kHz data rate in frame mode, only the upper 16 bits are sent. If using the 128 kHz data rate in regular read/write mode, all 32 bits are sent.
Rev. B | Page 67 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com