Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 58 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 54Page - Analog Devices ADAS1000 Datasheet HTML 55Page - Analog Devices ADAS1000 Datasheet HTML 56Page - Analog Devices ADAS1000 Datasheet HTML 57Page - Analog Devices ADAS1000 Datasheet HTML 58Page - Analog Devices ADAS1000 Datasheet HTML 59Page - Analog Devices ADAS1000 Datasheet HTML 60Page - Analog Devices ADAS1000 Datasheet HTML 61Page - Analog Devices ADAS1000 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Table 29. Lead-Off Control Register (LOFFCTL) Address 0x02, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
R/W
0
23
LAPH
AC lead-off phase.
R/W
0
22
LLPH
0 (default) = in phase.
R/W
0
21
RAPH
1 = 180° out of phase.
R/W
0
20
V1PH
R/W
0
19
V2PH
R/W
0
18
CEPH
R/W
0
17
LAACLOEN
Individual electrode ac lead-off enable. AC lead-off enables are the OR of ACSEL and the
individual ac lead-off channel enables.
R/W
0
16
LLACLOEN
R/W
0
15
RAACLOEN
0 (default) = ac lead-off disabled.
R/W
0
14
V1ACLOEN
1 = ac lead-off enabled.
R/W
0
13
V2ACLOEN
R/W
0
12
CEACLOEN
R
0
[11:9]
Reserved
Reserved, set to 0.
R/W
00
[8:7]
ACCURRENT
Set current level for ac lead-off.
00 (default) = 12.5 nA rms.
01 = 25 nA rms.
10 = 50 nA rms.
11 = 100 nA rms.
00
[6:5]
Reserved
Reserved, set to 0.
R/W
000
[4:2]
DCCURRENT
Set current level for dc lead-off (active only for ACSEL = 0).
000 (default) = 0 nA.
001 = 10 nA.
010 = 20 nA.
011 = 30 nA.
100 = 40 nA.
101 = 50 nA.
110 = 60 nA.
111 = 70 nA.
R/W
0
1
ACSEL
DC or AC (out-of-band) lead-off detection.
ACSEL acts as a global ac lead-off enable for RA, LL, LA, V1, V2 electrodes (CE ac lead-off is not
enabled using ACSEL). AC lead-off enables are the OR of ACSEL and the individual ac lead-off
channel enables.
If LOFFEN = 0, this bit is don’t care.
If LOFFEN = 1,
0 (default) = dc lead-off detection enabled (individual ac lead-off can be enabled through
Bits[17:12]).
1 = dc lead-off detection disabled. AC lead-off detection enabled (all electrodes except CE
electrode).
When the calibration DAC is enabled, ac lead-off is disabled.
R/W
0
0
LOFFEN
Enable lead-off detection.
0 (default) = lead-off disabled.
1 = lead-off enabled.
Rev. B | Page 58 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com