Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 73 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 69Page - Analog Devices ADAS1000 Datasheet HTML 70Page - Analog Devices ADAS1000 Datasheet HTML 71Page - Analog Devices ADAS1000 Datasheet HTML 72Page - Analog Devices ADAS1000 Datasheet HTML 73Page - Analog Devices ADAS1000 Datasheet HTML 74Page - Analog Devices ADAS1000 Datasheet HTML 75Page - Analog Devices ADAS1000 Datasheet HTML 76Page - Analog Devices ADAS1000 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Table 54. Frame Header (FRAMES) Address 0x40, Reset Value = 0x8000001
R/W
Default
Bit
Name
Function
R
1
31
Marker
Header marker, set to 1 for the header.
R
0
30
Ready bit
Ready bit indicates if ECG frame data is calculated and ready for reading.
0 = ready, data frame follows.
1 = busy.
R
0
[29:28]
Overflow [1:0]
Overflow bits indicate that since the last frame read, a number of frames have
been missed. This field saturates at the maximum count. The data in the frame
including this header word is valid but old if the overflow bits are >0.
When using skip mode (FRMCTL register (0x0A), Bits[3:2]), the overflow bit acts as a
flag, where a nonzero value indicates an overflow.
00 = 0 missed.
01 = 1 frame missed.
10 = 2 frames missed.
11 = 3 or more frames missed.
R
0
27
Fault
Internal device error detected.
0 = normal operation.
1 = error condition.
R
0
26
Pace 3 detected
Pace 3 indicates pacing artifact was qualified at most recent point.
0 = no pacing artifact.
1 = pacing artifact present.
R
0
25
Pace 2 detected
Pace 2 indicates pacing artifact was qualified at most recent point.
0 = no pacing artifact.
1 = pacing artifact present.
R
0
24
Pace 1 detected
Pace 1 indicates pacing artifact was qualified at most recent point.
0 = no pacing artifact.
1 = pacing artifact present.
R
0
23
Respiration
0 = no new respiration data.
1 = respiration data updated.
R
0
22
Lead-off detected
If both dc and ac lead-off are enabled, this bit is the OR of all the ac lead-off detect
flags. If only ac or dc lead-off is enabled, this bit reflects the OR of all dc and ac
lead-off flags.
0 = all leads connected.
1 = one or more lead-off detected.
R
0
21
DC lead-off detected
0 = all leads connected.
1 = one or more lead-off detected.
R
0
20
ADC out of range
0 = ADC within range.
1 = ADC out of range.
0
[19:0]
Reserved
Reserved
1
If using 128 kHz data rate in frame mode, only the upper 16 bits are sent. If using the 128 kHz data rate in regular read/write mode, all 32 bits are sent.
Table 55. Frame CRC Register (CRC) Address 0x41, Reset Value = 0xFFFFFF1
R/W
Bit
Name
Function
R
[23:0]
CRC
Cyclic redundancy check
1
The CRC register is a 32-bit word for 2 kHz and 16 kHz data rate and a 16-bit word for 128 kHz rate. See Table 24 for more details.
Rev. B | Page 73 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com