Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 34Page - Analog Devices ADAS1000 Datasheet HTML 35Page - Analog Devices ADAS1000 Datasheet HTML 36Page - Analog Devices ADAS1000 Datasheet HTML 37Page - Analog Devices ADAS1000 Datasheet HTML 38Page - Analog Devices ADAS1000 Datasheet HTML 39Page - Analog Devices ADAS1000 Datasheet HTML 40Page - Analog Devices ADAS1000 Datasheet HTML 41Page - Analog Devices ADAS1000 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. B | Page 38 of 80
Increasing the AVDD voltage raises the voltage at which the input
amplifiers saturate, allowing the off electrode voltage to rise high
enough to trip the DCLO comparator (fixed upper threshold of
2.4 V). The ADAS1000 operates over a voltage range of 3.15 V
to 5.5 V. If using GAIN 2/GAIN 3 and dc lead-off, an increased
AVDD supply voltage (minimum 3.6 V) allows dc lead-off to
flag correctly at higher gains.
AC Lead-Off Detection
The alternative method of sensing if the electrodes are connected
to the patient is based on injecting ac currents into each channel
and measuring the amplitudes of the resulting voltages. The
system uses a fixed carrier frequency at 2.039 kHz, which is
high enough to be removed by the ADAS1000/ADAS1000-1/
ADAS1000-2 on-chip digital filters without introducing phase
or amplitude artifacts into the ECG signal.
Figure 68. Simplified AC Lead-Off Configuration
The amplitude of the signal is nominally 2 V p-p and is centered
on 1.3 V relative to the chip AGND level. It is ac-coupled into each
electrode. The polarity of the ac lead-off signal can be configured
on a per-electrode basis through Bits[23:18] of the LOFFCTL
register (see Table 29). All electrodes can be driven in phase, and
some can be driven with reversed polarity to minimize the total
injected ac current. Drive amplitude is also programmable. AC
lead-off detection functions only on the input pins (LA, LL, RA,
V1, V2, and CM_IN) and is not supported for the RLD_OUT pin.
The resulting analog input signal applied to the ECG channels is
I/Q demodulated and amplitude detected. The resulting amplitude
is low pass filtered and sent to the digital threshold detectors.
AC lead-off detection offers user programmable dedicated
upper and lower threshold voltages (see Table 39 and Table 40).
Note that these programmed thresholds voltage vary with the
ECG channel gain. The threshold voltages are not affected by
the current level that is programmed. All active channels use
the same detection thresholds.
A properly connected electrode has a very small signal as the
drive current flows into the right leg (RL), whereas a disconnected
electrode has a larger signal as determined by a capacitive
voltage divider (source and cable capacitance).
If the signal measured is larger than the upper threshold, then
the impedance is high, so a wire is probably off. Selecting the
appropriate threshold setting depends on the particular cable/
electrode/protection scheme, as these parameters are typically
unique for the specific use case. This can take the form of starting
with a high threshold and ratcheting it down until a lead-off is
detected, then increasing the threshold by some safety margin.
This gives simple dynamic thresholding that automatically
compensates for many of the circuit variables.
The lower threshold is added for cases where the only ac lead-off
is in use and for situations where an electrode cable has been off
for a long time. In this case, the dc voltage has saturated to a rail,
or the electrode cable has somehow shorted to a supply. In either
case, there is no ac signal present, yet the electrode may not be
connected. The lower threshold checks for a minimum signal level.
In addition to the lead-off flag, the user can also read back the
resulting voltage measurement available on a per channel basis.
The measured amplitude for each of the individual electrodes is
available in Register 0x31 through Register 0x35 (LOAMxx
registers, see Table 52).
The propagation delay for detecting an ac lead-off event is <10 ms.
Note that the ac lead-off function is disabled when the
calibration DAC is enabled.
ADC Out of Range
When multiple leads are off, the input amplifiers may run into
saturation. This results in the ADC outputting out of range data
with no carrier to the leads off algorithm. The ac lead-off algorithm
then reports little or no ac amplitude. The ADAS1000 contains
flags to indicate if the ADC data is out of range, indicating a hard
electrode off state. There are programmable overrange and under-
range thresholds that can be seen in the LOFFUTH and LOFFLTH
registers (see Table 39 and Table 40, respectively). The ADC out
of range flag is contained in the header word (see Table 54).
SHIELD DRIVER
The shield drive amplifier is a unity gain amplifier. Its purpose
is to drive the shield of the ECG cables. For power consumption
purposes, it can be disabled if not in use. Note that the SHIELD
pin is shared with the respiration pin function, where it can be
muxed to be one of the pins for external capacitor connection.
If the pin is being used for the respiration feature, the shield
function is not available. In this case, if the application requires
a shield drive, an external amplifier connected to the CM_OUT
pin can be used.
RESPIRATION (ADAS1000 MODEL ONLY)
The respiration measurement is performed by driving a high
frequency (programmable from 46.5 kHz to 64 kHz) differential
current into two electrodes; the resulting impedance variation
caused by breathing causes the differential voltage to vary at the
respiration rate. The signal is ac-coupled onto the patient. The
acquired signal is AM, with a carrier at the driving frequency
and a shallow modulation envelope at the respiration frequency.
The modulation depth is greatly reduced by the resistance of the
customer-supplied RFI and ESIS protection filters, in addition
to the impedance of the cable and the electrode to skin interface
(see Table 12). The goal is to measure small ohm variation to sub
ohm resolution in the presence of large series resistance. The
circuit itself consists of a respiration DAC that drives the ac-
coupled current at a programmable frequency onto the chosen
pair of electrodes. The resulting variation in voltage is amplified,
AC LO
DAC
2.039kHz
12.5nA TO
100nA rms
LA
LL
RA
V1
V2
CM
11kΩ
11kΩ
11kΩ
11kΩ
11kΩ
11kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com