Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 60 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 60 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 56Page - Silicon Laboratories Si3050 Datasheet HTML 57Page - Silicon Laboratories Si3050 Datasheet HTML 58Page - Silicon Laboratories Si3050 Datasheet HTML 59Page - Silicon Laboratories Si3050 Datasheet HTML 60Page - Silicon Laboratories Si3050 Datasheet HTML 61Page - Silicon Laboratories Si3050 Datasheet HTML 62Page - Silicon Laboratories Si3050 Datasheet HTML 63Page - Silicon Laboratories Si3050 Datasheet HTML 64Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
Si3050 + Si3011/18/19
60
Rev. 1.5
CIR1: OH
Data that is received must be consistent and match for at least two consecutive frames to be considered valid.
When a new command or status is communicated via the C/I bits, the data must be sent for at least two
consecutive frames to be recognized by the Si3050. The following steps describe the protocol of how C/I bits are
stored, detected, and validated. This is illustrated in Figure 49.
1. The current state of the C/I bits are stored in a primary register P. If the received C/I bits are identical to this
current state, no action is taken.
2. Upon receipt of an SC channel with C/I bits that differ from the current state, these new C/I bits are immediately
latched into a secondary register S.
3. The C/I bits in the SC channel received in the frame immediately after the SC channel just stored in S are
compared with the C/I bits in the S register.
a. If the C/I bits in these two channels are identical, then the C/I bits in the S register are loaded into the P
register and are considered a valid change of C/I bits. The Si3050 then responds accordingly to the changed
C/I bits.
b. If a set of C/I bits is latched into the S register and the subsequent set of C/I bits received does not match
either the S or P registers, then the newly received set of C/I bits are latched into the S register. This
continues to occur as long as the subsequent set of C/I bits received differs from the C/I bits in the S and
Pregisters.
c. If the C/I bits in the SC channel received immediately after the SC channel just stored in S do not match the
C/I bits stored in S, but DO match the C/I bits stored in P, then the single set of C/I bits stored in the S latch
are invalidated, and the current state of the C/I bits in P remains unchanged.
Figure 49. Protocol for Receiving C/I Bits in the Si3050
Receive New
CI Code
Store in S
Receive New
C/I Code
= P?
= P?
= S?
Load C/I Register
With New C/I Bits
Yes
No
Yes
Yes
No
No
P: C/I Primary Register Contents
S: C/I Secondary Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com