Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 6Page - Silicon Laboratories Si3050 Datasheet HTML 7Page - Silicon Laboratories Si3050 Datasheet HTML 8Page - Silicon Laboratories Si3050 Datasheet HTML 9Page - Silicon Laboratories Si3050 Datasheet HTML 10Page - Silicon Laboratories Si3050 Datasheet HTML 11Page - Silicon Laboratories Si3050 Datasheet HTML 12Page - Silicon Laboratories Si3050 Datasheet HTML 13Page - Silicon Laboratories Si3050 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Si3050 + Si3011/18/19
10
Rev. 1.5
Figure 2. General Inputs Timing Diagram
Table 6. Switching Characteristics—General Inputs
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, CL = 20 pF)
Parameter1
Symbol
Min
Typ
Max
Unit
Cycle Time, PCLK
tp
0.12207
—
3.90625
s
PCLK Duty Cycle
tdty
40
50
60
%
PCLK Jitter Tolerance
tjitter
——
2
ns
Rise Time, PCLK
tr
——
25
ns
Fall Time, PCLK
tf
——
25
ns
PCLK Before RESET 2
tmr
10
—
—
cycles
RESET Pulse Width3
trl
250
—
—
ns
CS, SCLK Before RESET
tmxr
20
—
—
ns
Rise Time, Reset
tr
——
25
ns
Notes:
1. All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH = VD – 0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
2. FSYNC/PCLK relationship must be fixed after RESET
3. The minimum RESET pulse width is the greater of 250 ns or 10 PCLK cycle times.
PCLK
tf
tmr
tp
t
r
VIH
V
IL
t rl
RESET
tmxr
CS, SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com