Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 10Page - Silicon Laboratories Si3050 Datasheet HTML 11Page - Silicon Laboratories Si3050 Datasheet HTML 12Page - Silicon Laboratories Si3050 Datasheet HTML 13Page - Silicon Laboratories Si3050 Datasheet HTML 14Page - Silicon Laboratories Si3050 Datasheet HTML 15Page - Silicon Laboratories Si3050 Datasheet HTML 16Page - Silicon Laboratories Si3050 Datasheet HTML 17Page - Silicon Laboratories Si3050 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
Si3050 + Si3011/18/19
14
Rev. 1.5
Figure 6. GCI Highway Interface Timing Diagram (2x PCLK Mode)
Table 10. Digital FIR Filter Characteristics—Transmit and Receive
(VD = 3.0 to 3.6 V, Sample Rate = 8kHz, TA = 0 to 70 °C)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (0.1 dB)
F(0.1 dB)
0—
3.3
kHz
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.1
—
0.1
dB
Stopband
—
4.4
—
kHz
Stopband Attenuation
–74
—
—
dB
Group Delay
tgd
—
12/Fs
—
s
Note: Typical FIR filter characteristics for Fs = 8000 Hz are shown in Figures 7, 8, 9, and 10.
Table 11. Digital IIR Filter Characteristics—Transmit and Receive
(VD = 3.0 to 3.6 V, Sample Rate = 8kHz, TA = 0 to 70 °C)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.2
—
0.2
dB
Stopband
—
4.4
—
kHz
Stopband Attenuation
–40
—
—
dB
Group Delay
tgd
—
1.6/Fs
—
s
Note: Typical IIR filter characteristics for Fs = 8000 Hz are shown in Figures 11, 12, 13, and 14. Figures 15 and 16 show
group delay versus input frequency.
PCLK
FSYNC
DRX
DTX
tr
tf
td1
tsu2
th2
th1
tfp
tsu2
td2
td3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com