Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 77 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 77 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 73Page - Silicon Laboratories Si3050 Datasheet HTML 74Page - Silicon Laboratories Si3050 Datasheet HTML 75Page - Silicon Laboratories Si3050 Datasheet HTML 76Page - Silicon Laboratories Si3050 Datasheet HTML 77Page - Silicon Laboratories Si3050 Datasheet HTML 78Page - Silicon Laboratories Si3050 Datasheet HTML 79Page - Silicon Laboratories Si3050 Datasheet HTML 80Page - Silicon Laboratories Si3050 Datasheet HTML 81Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
77
Reset settings = 0000_0000
Register 19. International Control 4
Bit
D7D6D5
D4
D3D2D1D0
Name
OVL
DOD
OPD
Type
RRR
Bit
Name
Function
7:3
Reserved Read returns zero.
2OVL
Receive Overload Detect.
This bit has the same function as ROV (Register 17), but clears itself after the overload is
removed. See “5.22.Receive Overload Detection” on page 35. This bit is only masked by the
off-hook counter and is not affected by the BTE bit.
0 = Normal receive input level.
1 = Excessive receive input level.
1DOD
Recal/Dropout Detect.
When the line-side device is off-hook, it is powered from the line itself. This bit will read 1
when loop current is not flowing. For example, if this line-derived power supply collapses,
such as when the line is disconnected, this bit is set to 1. Additionally, when on-hook, and the
line-side device is enabled, this bit is set to 1.
0 = Normal operation.
1 = Line supply dropout detected when off-hook.
0OPD
Overload Protect Detect.
This bit is used to indicate that the DAA has detected a loop current overload. The detector fir-
ing threshold depends on the setting of the ILIM bit (Register 26).
OPD
ILIM
Overcurrent Threshold
Overcurrent Status
0
0
160 mA
No overcurrent condition exists
0
1
60 mA
No overcurrent condition exists
1
0
160 mA
Overcurrent condition has been detected
1
1
60 mA
Overcurrent condition has been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com