Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 82 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 82 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 78Page - Silicon Laboratories Si3050 Datasheet HTML 79Page - Silicon Laboratories Si3050 Datasheet HTML 80Page - Silicon Laboratories Si3050 Datasheet HTML 81Page - Silicon Laboratories Si3050 Datasheet HTML 82Page - Silicon Laboratories Si3050 Datasheet HTML 83Page - Silicon Laboratories Si3050 Datasheet HTML 84Page - Silicon Laboratories Si3050 Datasheet HTML 85Page - Silicon Laboratories Si3050 Datasheet HTML 86Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Si3050 + Si3011/18/19
82
Rev. 1.5
Reset settings = 0000_0000
Register 26. DC Termination Control
Bit
D7D6D5D4D3D2D1
D0
Name
DCV[1:0]
MINI[1:0]
0
0
ILIM
DCR
Type
R/W
R/W
R/W
R/W
Bit
Name
Function
7:6
DCV[1:0] TIP/RING Voltage Adjust. Si3018 and Si3019 line-side only.
These bits adjust the voltage on the DCT pin of the line-side device, which affects the TIP/
RING voltage on the line. Low-voltage countries should use a lower TIP/RING voltage. Rais-
ing the TIP/RING voltage can improve signal headroom.
DCV[1:0]
DCT Pin Voltage
00
3.1 V
01
3.2 V
10
3.35 V
11
3.5 V
For Si3011 line-side device, the only valid setting for DCV[1:0] is 10.
5:4
MINI[1:0] Minimum Operational Loop Current. Si3018 and Si3019 line-side only.
Adjusts the minimum loop current at which the DAA can operate. Increasing the minimum
operational loop current can improve signal headroom at a lower TIP/RING voltage.
MINI[1:0]
Min Loop Current
00
10 mA
01
12 mA
10
14 mA
11
16 mA
For Si3011 line-side device, the only valid setting for MINI[1:0] is 00.
3:2
Reserved These bits must always be written to 0.
1
ILIM
Current Limiting Enable.
0 = Current limiting mode disabled.
1 = Current limiting mode enabled. This mode limits loop current to a maximum of 60 mA per
the TBR21 standard.
0
DCR
DC Impedance Selection.
0=50  dc termination is selected. This mode should be used for all standard applications.
1 = 800  dc termination is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com