Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 94 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 90Page - Silicon Laboratories Si3050 Datasheet HTML 91Page - Silicon Laboratories Si3050 Datasheet HTML 92Page - Silicon Laboratories Si3050 Datasheet HTML 93Page - Silicon Laboratories Si3050 Datasheet HTML 94Page - Silicon Laboratories Si3050 Datasheet HTML 95Page - Silicon Laboratories Si3050 Datasheet HTML 96Page - Silicon Laboratories Si3050 Datasheet HTML 97Page - Silicon Laboratories Si3050 Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
Si3050 + Si3011/18/19
94
Rev. 1.5
Reset settings = 0000_0000
Reset settings = 0000_0000
Register 43. Line Current/Voltage Threshold Interrupt (Si3011 and Si3019 line-side only)
Bit
D7
D6D5D4
D3D2D1
D0
Name
CVT[7:0]
Type
R/W
Bit
Name
Function
7:0
CVT[7:0]
Current/Voltage Threshold.
These bits determine the threshold at which an interrupt is generated from either the LCS or
LVS register. This interrupt can be generated to occur when the line current or line voltage
rises above or drops below the value in the CVT[7:0] register.
Register 44. Line Current/Voltage Threshold Interrupt Control (Si3011 and Si3019 line-side only)
Bit
D7D6D5D4D3D2D1D0
Name
CVI
CVS
CVM
CVP
Type
R/W
R/W
R/W
R/W
Bit
Name
Function
7:4
Reserved Read returns zero.
3CVI
Current/Voltage Interrupt.
0 = The current/voltage threshold has not been crossed.
1 = The current/voltage threshold is crossed. If the CVM and INTE bits are set, a hardware
interrupt occurs on the AOUT/INT pin. Once set, this bit must be written to 0 to be cleared.
2CVS
Current/Voltage Select.
0 = The line current shown in the LCS2 register is used to generate an interrupt.
1 = The line voltage shown in the LVS register is used to generate an interrupt.
1CVM
Current/Voltage Interrupt Mask.
0 = The current/voltage threshold being triggered does not cause a hardware interrupt on the
AOUT/INT pin.
1 = The current/voltage threshold being triggered causes a hardware interrupt on the
AOUT/INT pin.
0CVP
Current/Voltage Interrupt Polarity.
0 = The current/voltage threshold is triggered by the absolute value of the number in either
the LCS2 or LVS register falling below the value in the CVT[7:0] register.
1 = The current/voltage threshold is triggered by the absolute value of the number in either
the LCS2 or LVS register rising above the value in the CVT[7:0] register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com