Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 78 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 78 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 74Page - Silicon Laboratories Si3050 Datasheet HTML 75Page - Silicon Laboratories Si3050 Datasheet HTML 76Page - Silicon Laboratories Si3050 Datasheet HTML 77Page - Silicon Laboratories Si3050 Datasheet HTML 78Page - Silicon Laboratories Si3050 Datasheet HTML 79Page - Silicon Laboratories Si3050 Datasheet HTML 80Page - Silicon Laboratories Si3050 Datasheet HTML 81Page - Silicon Laboratories Si3050 Datasheet HTML 82Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
Si3050 + Si3011/18/19
78
Rev. 1.5
Reset settings = 0000_0000
Reset settings = 0000_0000
Register 20. Call Progress RX Attenuation
Bit
D7D6D5D4D3
D2
D1D0
Name
ARM[7:0]
Type
R/W
Bit
Name
Function
7:0
ARM[7:0]
AOUT Receive Path Attenuation.
When decremented from the default setting, these bits linearly attenuate the AOUT
receive path signal used for call progress monitoring. Setting the bits to all 0s mutes the
AOUT receive path.
Attenuation = 20 log(ARM[7:0]/64)
1111_1111 = +12 dB (gain)
0111_1111 = +6 dB (gain)
0100_0000 = 0 dB
0010_0000 = –6 dB (attenuation)
0001_0000 = –12 dB
...
0000_0000 = Mute
Register 21. Call Progress TX Attenuation
Bit
D7
D6D5D4D3D2
D1D0
Name
ATM[7:0]
Type
R/W
Bit
Name
Function
7:0
ATM[7:0]
AOUT Transmit Path Attenuation.
When decremented from the default settings, these bits linearly attenuate the AOUT trans-
mit path signal used for call progress monitoring. Setting the bits to all 0s mutes the AOUT
transmit path.
Attenuation = 20 log(ATM[7:0]/64)
1111_1111 = +12 dB (gain)
0111_1111 = +6 dB (gain)
0100_0000 = 0 dB
0010_0000 = –6 dB (attenuation)
0001_0000 = –12 dB
...
0000_0000 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com