Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 35 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 31Page - Silicon Laboratories Si3050 Datasheet HTML 32Page - Silicon Laboratories Si3050 Datasheet HTML 33Page - Silicon Laboratories Si3050 Datasheet HTML 34Page - Silicon Laboratories Si3050 Datasheet HTML 35Page - Silicon Laboratories Si3050 Datasheet HTML 36Page - Silicon Laboratories Si3050 Datasheet HTML 37Page - Silicon Laboratories Si3050 Datasheet HTML 38Page - Silicon Laboratories Si3050 Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
35
with the on-hook transition during pulse dialing. These
tests provide an inductive dc feed resulting in a large
voltage spike. This spike is caused by the line
inductance and the sudden decrease in current through
the loop when going on-hook. The traditional way of
dealing with this problem is to put a parallel RC shunt
across the hookswitch relay. The capacitor is large
(~1 µF, 250 V) and relatively expensive. In the Si3050,
loop current can be controlled to achieve three distinct
on-hook speeds to pass spark quenching tests without
additional BOM components. Through the settings of
four bits in three registers, OHS (Register 16), OHS2
(Register 31), SQ0, and SQ1 (Register 59), a slow ramp
down of loop current can be achieved which induces a
delay between the time the OH bit is cleared and the
time the DAA actually goes on-hook.
To ensure proper operation of the DAA during pulse
dialing, disable the automatic resistor calibration that is
performed each time the DAA enters the off-hook state
by setting the RCALD bit (Register 25, bit 5).
5.22. Receive Overload Detection
The Voice DAA chipset is capable of monitoring and
reporting receive overload conditions on the line. Billing
tones, parallel phone off-hook events, polarity reversals
and other disturbances on the line may trigger multiple
levels of overload detection as described below.
Transient events less than 1.1 VPK on the line are
filtered out by the low-pass digital filter on the Si3050 +
Si3011 and Si3050+Si3019. The ROV and ROVI bits
are set when the received signal is greater than 1.1
VPK. Both bits will continue to indicate an overload
condition until a zero is written to clear. The OVL mirrors
the function of the ROV and ROVI bits but it
automatically clears after the overload condition has
been removed. When the OVL bit returns to 0, the DAA
initiates an auto-calibration sequence that must
complete before data can be transmitted. An external
interrupt can optionally be triggered by the ROVI bit by
setting the ROVM and INTE bits.
Certain events such as billing tones can be sufficiently
large to disrupt the line-derived power supply of the
Voice DAA line side device (Si3011, Si3018 or Si3019.)
To ensure that the device maintains the off-hook line
state during these events, the BTE bit should be set. If
such an event occurs while the BTE bit is set, the BTD
and BTDI bits will be asserted. A zero must be written to
the BTE bit to clear the BTD and BTDI bits. An external
interrupt can optionally be triggered by the BTDI bit by
setting the BTDM and INTE bits.
In the event that a line disturbance causes the loop
current to collapse below the minimum required
operating current of the Voice DAA, the DOD and DODI
bits will be set. An external interrupt can optionally be
triggered by the DODI bit by setting the DODM and
INTE bits.
5.23. Billing Tone Filter (Optional)
Optionally, a billing tone filter may be inserted between
the line and the voice DAA to minimize disruptions
caused by large billing tones. The notch filter design
requires two notches, one at 12 kHz and one at 16 kHz.
Because these components are expensive and few
countries utilize billing tones, this filter is typically placed
in an external dongle or added as a population option.
Figure 25 shows a billing tone filter example. Table 19
gives the component values.
L1 must carry the entire loop current. The series
resistance of the inductors is important to achieve a
narrow and deep notch. This design has more than
25 dB of attenuation at both 12 kHz and 16 kHz.
Figure 25. Billing Tone Filter
The billing tone filter affects the DAA’s ac termination
and return loss. The global compromise complex ac
termination as selected by ACIM[3:0] = 1111 passes
global return loss specifications with and without the
billing tone filter by at least 3 dB. This ac termination is
optimized for frequency response and hybrid
Table 19. Component Values—Optional Billing
Tone Filters
Component
Value
C1,C2
0.027 µF, 50 V, ±10%
C3
0.01 µF, 250 V, ±10%
L1
3.3 mH, >120 mA, <10 , ±10%
L2
10 mH, >40 mA, <10 , ±10%
L2
C3
RING
TIP
From Line
To
DAA
C1
C2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com