Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 79 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 79 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 75Page - Silicon Laboratories Si3050 Datasheet HTML 76Page - Silicon Laboratories Si3050 Datasheet HTML 77Page - Silicon Laboratories Si3050 Datasheet HTML 78Page - Silicon Laboratories Si3050 Datasheet HTML 79Page - Silicon Laboratories Si3050 Datasheet HTML 80Page - Silicon Laboratories Si3050 Datasheet HTML 81Page - Silicon Laboratories Si3050 Datasheet HTML 82Page - Silicon Laboratories Si3050 Datasheet HTML 83Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
79
Reset settings = 1001_0110
Register 22. Ring Validation Control 1
Bit
D7D6D5D4D3D2D1D0
Name
RDLY[1:0]
RMX[5:0]
Type
R/W
R/W
Bit
Name
Function
7:6
RDLY[1:0]
Ring Delay Bits 1 and 0.
These bits, in combination with the RDLY[2] bit (Register 23), set the amount of time
between when a ring signal is validated and when a valid ring signal is indicated.
RDLY[2]
RDLY[1:0]
Delay
000
0 ms
001
256 ms
010
512 ms
...
111
1792 ms
5:0
RMX[5:0]
Ring Assertion Maximum Count.
These bits set the maximum ring frequency for a valid ring signal within a 10% margin of
error. During ring qualification, a timer is loaded with the RAS[5:0] field upon a TIP/RING
event and decrements at a regular rate. When a subsequent TIP/RING event occurs, the
timer value is compared to the RMX[5:0] field and if it exceeds the value in RMX[5:0] then
the frequency of the ring is too high and the ring is invalidated. The difference between
RAS[5:0] and RMX[5:0] identifies the minimum duration between TIP/RING events to qual-
ify as a ring, in binary-coded increments of 2.0 ms (nominal). A TIP/RING event typically
occurs twice per ring tone period. At 20 Hz, TIP/RING events would occur every 1/
(2 x 20 Hz) = 25 ms. To calculate the correct RMX[5:0] value for a frequency range [f_min,
f_max], the following equation should be used:
To compensate for error margin and ensure a sufficient ring detection window, it is recom-
mended that the calculated value of RMX[5:0] be incremented by 1.
RMX 5:0

RAS 5:0

1
2 f_max
2 ms
--------------------------------------------- RMX RAS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com