Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 65 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 61Page - Silicon Laboratories Si3050 Datasheet HTML 62Page - Silicon Laboratories Si3050 Datasheet HTML 63Page - Silicon Laboratories Si3050 Datasheet HTML 64Page - Silicon Laboratories Si3050 Datasheet HTML 65Page - Silicon Laboratories Si3050 Datasheet HTML 66Page - Silicon Laboratories Si3050 Datasheet HTML 67Page - Silicon Laboratories Si3050 Datasheet HTML 68Page - Silicon Laboratories Si3050 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
65
Reset settings = 0000_0000
Register 3. Interrupt Mask
Bit
D7D6D5D4D3
D2
D1D0
Name
RDTM
ROVM
FDTM
BTDM
DODM
LCSOM
TGDM
POLM
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
7
RDTM
Ring Detect Mask.
0 = A ring signal does not cause an interrupt on the AOUT/INT pin.
1 = A ring signal causes an interrupt on the AOUT/INT pin.
6ROVM
Receive Overload Mask.
0 = A receive overload does not cause an interrupt on the AOUT/INT pin.
1 = A receive overload causes an interrupt on the AOUT/INT pin.
5FDTM
Frame Detect Mask.
0 = The ISOcap losing frame lock does not cause an interrupt on the AOUT/INT pin.
1 = The ISOcap losing frame lock causes an interrupt on the AOUT/INT pin.
4BTDM
Billing Tone Detect Mask.
0 = A detected billing tone does not cause an interrupt on the AOUT/INT pin.
1 = A detected billing tone causes an interrupt on the AOUT/INT pin.
3DODM
Drop Out Detect Mask.
0 = A line supply dropout does not cause an interrupt on the AOUT/INT pin.
1 = A line supply dropout causes an interrupt on the AOUT/INT pin.
2LCSOM
Loop Current Sense Overload Mask.
0 = An interrupt does not occur when the LCS bits are all 1s.
1 = An interrupt occurs when the LCS bits are all 1s.
1TGDM
TIP Ground Detect Mask.
0 = The TGD bit going active does not cause an interrupt on the AOUT/INT pin.
1 = The TGD bit going active causes an interrupt on the AOUT/INT pin.
0POLM
Polarity Reversal Detect Mask (Si3011 and Si3019 line-side only).
This interrupt is generated from bit 7 of the LVS register. When this bit transitions, it indicates
that the polarity of TIP and RING is switched.
0 = A polarity change on TIP and RING does not cause an interrupt on the AOUT/INT pin.
1 = A polarity change on TIP and RING causes an interrupt on the AOUT/INT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com