Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 19 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 15Page - Silicon Laboratories Si3050 Datasheet HTML 16Page - Silicon Laboratories Si3050 Datasheet HTML 17Page - Silicon Laboratories Si3050 Datasheet HTML 18Page - Silicon Laboratories Si3050 Datasheet HTML 19Page - Silicon Laboratories Si3050 Datasheet HTML 20Page - Silicon Laboratories Si3050 Datasheet HTML 21Page - Silicon Laboratories Si3050 Datasheet HTML 22Page - Silicon Laboratories Si3050 Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
19
3. Bill of Materials
Component
Value
Supplier(s)
C1, C2
33 pF, Y2, X7R, ±20%
Panasonic, Murata, Vishay
C31
3.9 nF, 250 V, X7R, ±20%
Venkel, SMEC
C4
1.0 µF, 50 V, Elec/Tant, ±20%
Panasonic
C5, C6, C50, C51
0.1 µF, 16 V, X7R, ±20%
Venkel, SMEC
C7
2.7 nF, 50 V, X7R, ±20%
Venkel, SMEC
C8, C9
680 pF, Y2, X7R, ±10%
Panasonic, Murata, Vishay
C10
0.01 µF, 16 V, X7R, ±20%
Venkel, SMEC
C30, C311
120 pF, 250 V, X7R, ±10%
Venkel, SMEC
D1, D22
Dual Diode, 225 mA, 300 V, (MMBD3004S)
Diodes Inc.
FB1, FB2, FB203, FB204
Ferrite Bead, BLM18AG601SN1
Murata
Q1, Q3
NPN, 300 V, MMBTA42
OnSemi, Fairchild, Diodes Inc.
Q2
PNP, 300 V, MMBTA92
OnSemi, Fairchild, Diodes Inc.
Q4, Q5
NPN, 80 V, 330 mW, MMBTA06
Central OnSemi, Fairchild
RV1
Sidactor, 275 V, 100 A
Teccor, Diodes Inc., Shindengen
R1
1.07 k, 1/2 W, 1%
Venkel, SMEC, Panasonic
R2
150 , 1/16 W, 5%
Venkel, SMEC, Panasonic
R3
3.65 k, 1/2 W, 1%
Venkel, SMEC, Panasonic
R4
2.49 k, 1/2 W, 1%
Venkel, SMEC, Panasonic
R5, R6
100 k, 1/16 W, 5%
Venkel, SMEC, Panasonic
R7, R81
Not Installed, 20 M, 1/8 W, 5%
Venkel, SMEC, Panasonic
R9
1 M, 1/16 W, 1%
Venkel, SMEC, Panasonic
R10
536 , 1/4 W, 1%
Venkel, SMEC, Panasonic
R11
73.2 , 1/2 W, 1%
Venkel, SMEC, Panasonic
R12, R13
56.2 , 1/16 W, 1%
Venkel, SMEC, Panasonic
R30, R321
15 M, 1/8 W, 5%
Venkel, SMEC, Panasonic
R31, R331
5.1 M, 1/8 W, 5%
Venkel, SMEC, Panasonic
R52, R53
4.7 k, 1/16 W, 5%
Venkel, SMEC, Panasonic
U1
Si3050
Silicon Labs
U2
Si3011/8/19
Silicon Labs
Z1
Zener Diode, 43 V, 1/2 W
General Semi, On Semi, Diodes Inc.
Notes:
1. R7–R8 may be substituted for R30–R33 and C30–C31 for lower cost, but reduced CID performance.
2. Several diode bridge configurations are acceptable. Parts, such as a single HD04, a DF-04S, or four 1N4004 diodes,
may be used (suppliers include General Semiconductor, Diodes Inc., etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com