Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 8Page - Silicon Laboratories Si3050 Datasheet HTML 9Page - Silicon Laboratories Si3050 Datasheet HTML 10Page - Silicon Laboratories Si3050 Datasheet HTML 11Page - Silicon Laboratories Si3050 Datasheet HTML 12Page - Silicon Laboratories Si3050 Datasheet HTML 13Page - Silicon Laboratories Si3050 Datasheet HTML 14Page - Silicon Laboratories Si3050 Datasheet HTML 15Page - Silicon Laboratories Si3050 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 128 page
background image
Si3050 + Si3011/18/19
12
Rev. 1.5
Figure 4. PCM Highway Interface Timing Diagram (RXS = TXS = 1)
Table 8. Switching Characteristics—PCM Highway Serial Interface
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, CL = 20 pF)
Parameter1
Symbol
Test
Conditions
Min
Typ
Max
Units
Cycle Time PCLK
tp
122
—
3906
ns
Valid PCLK Inputs
—
—
—
—
—
—
—
—
256
512
768
1.024
1.536
2.048
4.096
8.192
—
—
—
—
—
—
—
—
kHz
kHz
kHz
MHz
MHz
MHz
MHz
MHz
FSYNC Period2
tfp
—125
—
s
PCLK Duty Cycle
tdty
40
50
60
%
PCLK Jitter-Tolerance
tjitter
——
2
ns
FSYNC Jitter Tolerance
tjitter
—
—
±120
ns
Rise Time, PCLK
tr
—
—
25
ns
Fall Time, PCLK
tf
—
—
25
ns
Delay Time, PCLK Rise to DTX Active
td1
—
—
20
ns
Delay Time, PCLK Rise to DTX Transition
td2
—
—
20
ns
Delay Time, PCLK Rise to DTX Tri-State3
td3
—
—
20
ns
Setup Time, FSYNC Rise to PCLK Fall
tsu1
25
—
—
ns
Hold Time, PCLK Fall to FSYNC Fall
th1
20
—
—
ns
Setup Time, DRX Transition to PCLK Fall
tsu2
25
—
—
ns
Hold Time, PCLK Falling to DRX Transition
th2
20
—
—
ns
Notes:
1. All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VO – 0.4 V, VIL = 0.4 V, rise and fall
times are referenced to the 20% and 80% levels of the waveform.
2. FSYNC must be 8 kHz under all operating conditions.
3. Specification applies to PCLK fall to DTX tri-state when that mode is selected.
t
su1
t
h1
t
p
t
su2
t
h2
t
d3
t
d2
t
d1
PCLK
FSYNC
DRX
DTX
t
fp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com