Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 28Page - Silicon Laboratories Si3050 Datasheet HTML 29Page - Silicon Laboratories Si3050 Datasheet HTML 30Page - Silicon Laboratories Si3050 Datasheet HTML 31Page - Silicon Laboratories Si3050 Datasheet HTML 32Page - Silicon Laboratories Si3050 Datasheet HTML 33Page - Silicon Laboratories Si3050 Datasheet HTML 34Page - Silicon Laboratories Si3050 Datasheet HTML 35Page - Silicon Laboratories Si3050 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
Si3050 + Si3011/18/19
32
Rev. 1.5
The
Si3019
provides
sixteen
ac
termination
impedances when used with the Si3050. The ACIM[3:0]
bits in Register 30 are used to select the ac impedance
setting on the Si3019. The sixteen available settings for
the Si3019 are listed in Table 18.
The most widely used ac terminations are available as
register options to satisfy various global PTT
requirements. The real 600  impedance satisfies the
requirements of FCC Part 68, JATE, and other country
requirements. The 270  + (750  || 150 nF) satisfies
the requirements of TBR21.
There are two selections useful for satisfying
non-standard ac termination requirements. The
350  + (1000  || 210 nF) impedance selection in
Register 30 is the ANSI/EIA/TIA 464 compromise
impedance network for trunks. The last ac termination
selection, ACIM[3:0] = 1111, is designed to satisfy
minimum return loss requirements for every country that
requires a complex termination. By selecting this
setting, the system is ensured to meet minimum PTT
requirements.
For each of the sixteen ac termination settings, the
programmable digital hybrid can be used to further
reduce near-end echo. See "5.28. Transhybrid Balance"
on page 38 for details.
Table 17. AC Termination Settings for the
Si3018 Line-Side Device
ACIM[3:0]
AC Termination
0000
600 
0011
220  + (820  || 120 nF) and 220  +
(820  || 115 nF)
0100
370  + (620  || 310 nF)
1111
Global complex impedance
Table 18. AC Termination Settings for the
Si3019 Line-Side Device
ACIM[3:0]
AC Termination
0000
600 
0001
900 
0010
270  + (750  || 150 nF) and
275  + (780  || 150 nF)
0011
220  + (820  || 120 nF) and 220 
+ (820  || 115 nF)
0100
370  + (620  || 310 nF)
0101
320  + (1050  || 230 nF)
0110
370  + (820  || 110 nF)
0111
275  + (780  || 115 nF)
1000
120  + (820  || 110 nF)
1001
350  + (1000  || 210 nF)
1010
200  + (680  || 100 nF)
1011
600  + 2.16 µF
1100
900  + 1 µF
1101
900  + 2.16 µF
1110
600  + 1 µF
1111
Global complex impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com