Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 97 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 97 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 93Page - Silicon Laboratories Si3050 Datasheet HTML 94Page - Silicon Laboratories Si3050 Datasheet HTML 95Page - Silicon Laboratories Si3050 Datasheet HTML 96Page - Silicon Laboratories Si3050 Datasheet HTML 97Page - Silicon Laboratories Si3050 Datasheet HTML 98Page - Silicon Laboratories Si3050 Datasheet HTML 99Page - Silicon Laboratories Si3050 Datasheet HTML 100Page - Silicon Laboratories Si3050 Datasheet HTML 101Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
97
Reset settings = 0000_0000
Reset settings = 0000_0000
Register 49. Programmable Hybrid Register 5
Bit
D7D6D5D4D3D2D1D0
Name
HYB5[7:0]
Type
R/W
Bit
Name
Function
7:0
HYB5[7:0]
Programmable Hybrid Register 5.
These bits can be programmed with a coefficient value to adjust the hybrid response to
reduce near-end echo. This register represents the fifth tap in the eight-tap filter. When this
register is set to all 0s, this filter stage does not have an effect on the hybrid response. See
the section entitled "5.28. Transhybrid Balance" on page 38 for more information on selecting
coefficients for the programmable hybrid.
Register 50. Programmable Hybrid Register 6
Bit
D7D6D5D4D3D2D1D0
Name
HYB6[7:0]
Type
R/W
Bit
Name
Function
7:0
HYB6[7:0]
Programmable Hybrid Register 6.
These bits can be programmed with a coefficient value to adjust the hybrid response to
reduce near-end echo. This register represents the sixth tap in the eight-tap filter. When this
register is set to all 0s, this filter stage does not have an effect on the hybrid response. See
the section entitled "5.28. Transhybrid Balance" on page 38 for more information on selecting
coefficients for the programmable hybrid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com