Electronic Components Datasheet Search
  English  ▼

X  

Si3050 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 3Page - Silicon Laboratories Si3050 Datasheet HTML 4Page - Silicon Laboratories Si3050 Datasheet HTML 5Page - Silicon Laboratories Si3050 Datasheet HTML 6Page - Silicon Laboratories Si3050 Datasheet HTML 7Page - Silicon Laboratories Si3050 Datasheet HTML 8Page - Silicon Laboratories Si3050 Datasheet HTML 9Page - Silicon Laboratories Si3050 Datasheet HTML 10Page - Silicon Laboratories Si3050 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
7
Table 3. DC Characteristics, VD = 3.0 to 3.6 V
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage1
VIH
2.0
—
—
V
Low Level Input Voltage1
VIL
——
0.8
V
High Level Output Voltage
VOH
IO =–2mA
2.4
—
—
V
Low Level Output Voltage
VOL
IO = 2 mA
—
—
0.35
V
AOUT High Level Voltage
VAH
IO =10mA
2.4
—
—
V
AOUT Low Level Voltage
VAL
IO =10mA
—
—
0.35
V
Input Leakage Current
IL
–10
—
10
µA
Power Supply Current, Digital2
ID
VD pin
—
8.5
10
mA
Total Supply Current, Sleep Mode2
ID
PDN = 1, PDL = 0
—
5.0
6.0
mA
Total Supply Current, Deep Sleep2,3
ID
PDN = 1, PDL = 1
—
1.3
1.5
mA
Notes:
1. VIH/VIL do not apply to C1A/C2A.
2. All inputs at 0.4 or VD – 0.4 (CMOS levels). All inputs are held static except clock and all outputs unloaded
(Static IOUT = 0mA).
3. RGDT is not functional in this state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com