Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 201 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 201 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 197Page - National Semiconductor (TI) CS5530A Datasheet HTML 198Page - National Semiconductor (TI) CS5530A Datasheet HTML 199Page - National Semiconductor (TI) CS5530A Datasheet HTML 200Page - National Semiconductor (TI) CS5530A Datasheet HTML 201Page - National Semiconductor (TI) CS5530A Datasheet HTML 202Page - National Semiconductor (TI) CS5530A Datasheet HTML 203Page - National Semiconductor (TI) CS5530A Datasheet HTML 204Page - National Semiconductor (TI) CS5530A Datasheet HTML 205Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 259 page
background image
Revision 1.1
201
www.national.com
Register Descriptions (Continued)
Offset 38h
Audio Bus Master 3 Command Register (R/W)
Reset Value = 00h
Audio Bus Master 3: Input from Codec; 16-Bit; Slot 5.
7:4
Reserved: Set to 0. Must return 0 on reads.
3
Read or Write Control: Set the transfer direction of Audio Bus Master 3. 0 = PCI reads performed;
1 = PCI writes performed.
This bit must be set to 1 (write) and should not be changed when the bus master is active.
2:1
Reserved: Set to 0. Must return 0 on reads.
0
Bus Master Control: Controls the state of the Audio Bus Master 3. 0 = Disable; 1 = Enable.
Setting this bit to 1 enables the bus master to begin data transfers. When writing this bit to 0, the bus master must be either
paused or reached EOT. Writing this bit to 0 while the bus master is operating results in unpredictable behavior including the
possibility of the bus master state machine crashing. The only recovery from this condition is a PCI reset.
Note: Must be read and written as a BYTE.
Offset 39h
Audio Bus Master 3 SMI Status Register (RC)
Reset Value = 00h
Audio Bus Master 3: Input from Codec; 16-Bit; Slot 5.
7:4
Reserved (Read to Clear)
1
Bus Master Error (Read to Clear): Hardware encountered a second EOP before software has cleared the first?
0= No; 1 = Yes.
If hardware encounters a second EOP (end of page) before software has cleared the first, it causes the bus master to pause
until this register is read to clear the error.
0
End of Page (Read to Clear): Bus master transferred data which is marked by EOP bit in the PRD table (bit 30)?
0= No; 1 = Yes.
Note: Must be read and written as a BYTE.
Offset 3Ah-3Bh
Reserved
Reset Value = xxh
Offset 3Ch-3Fh
Audio Bus Master 3 PRD Table Address (R/W)
Reset Value = 00000000h
Audio Bus Master 3: Input from Codec; 16-Bit; Slot 5.
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for Audio Bus Master 3.
When written, this register points to the first entry in a PRD table. Once Audio Bus Master 3 is enabled (Command Register
bit 0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.
Offset 40h
Audio Bus Master 4 Command Register (R/W)
Reset Value = 00h
Audio Bus Master 4: Output to Codec; 16-Bit; Slot 6 or 11 (F3BAR+Memory Offset 08h[19] selects slot).
7:4
Reserved: Set to 0. Must return 0 on reads.
3
Read or Write Control: Set the transfer direction of Audio Bus Master 4. 0 = PCI reads performed;
1 = PCI writes performed.
This bit must be set to 0 (read) and should not be changed when the bus master is active.
2:1
Reserved: Set to 0. Must return 0 on reads.
0
Bus Master Control: Controls the state of the Audio Bus Master 4. 0 = Disable; 1 = Enable.
Setting this bit to 1 enables the bus master to begin data transfers. When writing this bit to 0, the bus master must be either
paused or reached EOT. Writing this bit to 0 while the bus master is operating results in unpredictable behavior including the
possibility of the bus master state machine crashing. The only recovery from this condition is a PCI reset.
Note: Must be read and written as a BYTE.
Table 4-21. F3BAR+Memory Offset xxh: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com