Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 199Page - National Semiconductor (TI) CS5530A Datasheet HTML 200Page - National Semiconductor (TI) CS5530A Datasheet HTML 201Page - National Semiconductor (TI) CS5530A Datasheet HTML 202Page - National Semiconductor (TI) CS5530A Datasheet HTML 203Page - National Semiconductor (TI) CS5530A Datasheet HTML 204Page - National Semiconductor (TI) CS5530A Datasheet HTML 205Page - National Semiconductor (TI) CS5530A Datasheet HTML 206Page - National Semiconductor (TI) CS5530A Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 259 page
background image
Revision 1.1
203
www.national.com
Register Descriptions (Continued)
4.3.5
Video Controller Registers - Function 4
The register space for the video controller is divided into
two sections. The first section is used to configure the PCI
portion of the controller. A Base Address Register at F4
Index 10h (F4BAR) points to the base address of where
the second portion of the register space is located. The
second section contains the registers used by the video
controller to carry out video operations.
Table 4-22 shows the PCI header registers of F4. The
memory mapped registers accessed through F4BAR, and
showninTable 4-23, must be accessedusing DWORD
operations. When writing to one of these 32-bit registers,
all four bytes must be written.
If the F4 Video Configuration Trap bit (F0 Index 42h[1]) is
set, access to the PCI header registers causes an SMI.
Access through F4BAR is not affected by this bit.
Table 4-22. F4 Index xxh: PCI Header Registers for Video Controller Configuration
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0104h
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:2
Reserved (Read Only)
1
Memory Space: Allow CS5530A to respond to memory cycles from the PCI bus. 0 = Disable; 1 = Enable.
This bit must be enabled to access memory offsets through F4BAR (F4 Index 10h).
0
Reserved (Read Only)
Index 06h-07h
PCI Status Register (RO)
Reset Value = 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 030000h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value = 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value = 00h
Index 0Eh
PCI Header Type (RO)
Reset Value = 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
Index 10h-13h
Base Address Register - F4BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped video controller registers. Bits [11:0] are read only (0000 0000 0000),
indicating a 4 KB memory address range. Refer to Table 4-23 for the video controller register bit formats and reset values.
31:12
Video Controller and Clock Control Base I/O Address
11:0
Address Range (Read Only)
Index 14h-3Fh
Reserved
Reset Value = 00h
Index 40h-FFh
Reserved
Reset Value = xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com