Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 202Page - National Semiconductor (TI) CS5530A Datasheet HTML 203Page - National Semiconductor (TI) CS5530A Datasheet HTML 204Page - National Semiconductor (TI) CS5530A Datasheet HTML 205Page - National Semiconductor (TI) CS5530A Datasheet HTML 206Page - National Semiconductor (TI) CS5530A Datasheet HTML 207Page - National Semiconductor (TI) CS5530A Datasheet HTML 208Page - National Semiconductor (TI) CS5530A Datasheet HTML 209Page - National Semiconductor (TI) CS5530A Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 259 page
background image
www.national.com
206
Revision 1.1
Register Descriptions (Continued)
Offset 08h-0Bh
Video X Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoXEndPosition: This field represents the horizontal end position of the video window according to the following
formula. Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
15:11
Reserved: Set to 0.
10:0
Video X Start Position: This field represents the horizontal start position of the video window according to the following
formula. Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
Offset 0Ch-0Fh
Video Y Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoY EndPosition: This field represents the vertical end position of the video window according to the following formula.
Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
15:11
Reserved: Set to 0.
10:0
Video Y Start Position: This field represents the vertical start position of the video window according to the following
formula. Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 10h-13h
Video Scale Register (R/W)
Reset Value = xxxxxxxxh
31:30
Reserved: Set to 0.
29:16
Video Y Scale Factor: This field represents the video window vertical scale factor according to the following
formula.
VID_Y_SCL = 8192 * (Ys - 1) / (Yd - 1)
Where:
Ys = Video source vertical size in lines
Yd = Video destination vertical size in lines
15:14
Reserved: Set to 0.
13:0
Video X Scale Factor: This field represents the video window horizontal scale factor according to the following
formula.
VID_X_SCL = 8192 * (Xs - 1) / (Xd - 1)
Where:
Xs = Video source horizontal size in pixels
Xd = Video destination horizontal size in pixels
Offset 14h-17h
Video Color Key Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Key: This field represents the video color key. It is a 24-bit RGB value. The graphics or video data being
compared may be masked prior to the compare by programming the Video Color Mask Register (F4BAR+Memory Offset
18h) appropriately.
Offset 18h-1Bh
Video Color Mask Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Mask: This field represents the video color mask. It is a 24-bit RGB value. Zeroes in the mask cause the
corresponding bits in the graphics or video stream being compared to be ignored.
Offset 1Ch-1Fh
Palette Address Register (R/W)
Reset Value = xxxxxxxxh
31:8
Reserved: Set to 0.
7:0
Palette Address: The value programmed is used to initialize the palette address counter.
Offset 20h-23h
Palette Data Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Palette Data: This register contains the read or write data for a Gamma RAM access.
Table 4-23. F4BAR+Memory Offset xxh: Video Controller Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com