Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 206Page - National Semiconductor (TI) CS5530A Datasheet HTML 207Page - National Semiconductor (TI) CS5530A Datasheet HTML 208Page - National Semiconductor (TI) CS5530A Datasheet HTML 209Page - National Semiconductor (TI) CS5530A Datasheet HTML 210Page - National Semiconductor (TI) CS5530A Datasheet HTML 211Page - National Semiconductor (TI) CS5530A Datasheet HTML 212Page - National Semiconductor (TI) CS5530A Datasheet HTML 213Page - National Semiconductor (TI) CS5530A Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 259 page
background image
www.national.com
210
Revision 1.1
Register Descriptions (Continued)
4.4
USB REGISTERS
The USB Host Controller exists logically as its own PCI
“Device”, separate from the Chipset functions. It is a single-
function device, and so it contains a PCI Configuration
space for only Function 0. Depending on the state of the
HOLD_REQ# pin on reset, the USB Controller will respond
to one of two Device numbers for access to its PCI Config-
uration registers:
HOLD_REQ# low:
Responds to pin AD29 high
(Device13h inaGeode system).
HOLD_REQ# high: Responds to pin AD27 high
(Device11h inaGeode system).
ThePCI Configurationregisters arelistedinTable 4-25.
They can be accessed as any number of bytes within a sin-
gle 32-bit aligned unit. They are selected by the PCI-stan-
dard Index and Byte-Enable method. Registers marked as
“Reserved”, and reserved bits within a register, should not
be changed by software.
In the PCI Configuration space, there is one Base Address
Register (BAR), at Index 10h, which is used to map the
USB Host Controller's operational register set into a 4K
memory space. Once the BAR register has been initialized,
and the PCI Command register at Index 04h has been set
to enable the Memory space decoder, these “USB Control-
ler” registers are accessible.
The memory-mapped USB Controller Registers are listed
in Table 4-26. They follow the Open Host Controller Inter-
face (OHCI) specification.
Table 4-25. USB Index xxh: USB PCI Configuration Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 0E11h
Index 02h-03h
Device Identification Register (RO)
Reset Value = A0F8h
Index 04h-05h
Command Register (R/W)
Reset Value = 0000h
15:10
Reserved: Set to 0.
9
Fast Back-to-Back Enable (Read Only): USB only acts as a master to a single device, so this functionality is not needed.
It is always disabled (must always be set to 0).
8
SERR#: USB asserts SERR# when it detects an address parity error. 0 = Disable; 1 = Enable.
7
Wait Cycle Control: USB does not need to insert a wait state between the address and data on the AD lines. It is always
disabled (bit is set to 0).
6
Parity Error: USB asserts PERR# when it is the agent receiving data and it detects a data parity error.
0 = Disable; 1 = Enable.
5
VGA Palette Snoop Enable (Read Only): USB does not support this function. It is always disabled (bit is set to 0).
4
Memory Write and Invalidate: Allow USB to run Memory Write and Invalidate commands. 0 = Disable; 1 = Enable.
The Memory Write and Invalidate command will only occur if the cache line size is set to 32 bytes and the memory write is
exactly one cache line.
If the CS5530A is being used in a GX-series processor based system, this bit must be set to 0.
3
Special Cycles: USB does not run special cycles on PCI. It is always disabled (bit is set to 0).
2
PCI Master Enable: Allow USB to run PCI master cycles. 0 = Disable; 1 = Enable.
1
Memory Space: Allow USB to respond as a target to memory cycles. 0 = Disable; 1 = Enable.
0
I/O Space: Allow USB to respond as a target to I/O cycles. 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com