Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 209Page - National Semiconductor (TI) CS5530A Datasheet HTML 210Page - National Semiconductor (TI) CS5530A Datasheet HTML 211Page - National Semiconductor (TI) CS5530A Datasheet HTML 212Page - National Semiconductor (TI) CS5530A Datasheet HTML 213Page - National Semiconductor (TI) CS5530A Datasheet HTML 214Page - National Semiconductor (TI) CS5530A Datasheet HTML 215Page - National Semiconductor (TI) CS5530A Datasheet HTML 216Page - National Semiconductor (TI) CS5530A Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 259 page
background image
Revision 1.1
213
www.national.com
Register Descriptions (Continued)
Table 4-26. USB BAR+Memory Offset xxh: USB Controller Registers
Bit
Description
Offset 00h-03h
HcRevision Register (RO)
Reset Value = 00000110h
31:8
Reserved: Read/Write 0s.
7:0
Revision (Read Only): Indicates the Open HCI Specification revision number implemented by the Hardware. USB sup-
ports 1.0 specification. (X.Y = XYh).
Offset 04h-07h
HcControl Register (R/W)
Reset Value = 00000000h
31:11
Reserved: Read/Write 0s.
10
RemoteWakeupConnectedEnable: If a remote wakeup signal is supported, this bit enables that operation. Since there is
no remote wakeup signal supported, this bit is ignored.
9
RemoteWakeupConnected (Read Only): This bit indicated whether the HC supports a remote wakeup signal. This imple-
mentation does not support any such signal. The bit is hard-coded to 0.
8
InterruptRouting: This bit is used for interrupt routing: 0 = Interrupts routed to normal interrupt mechanism (INT);
1 = Interrupts routed to SMI.
7:6
HostControllerFunctionalState: This field sets the HC state. The HC may force a state change from UsbSuspend to
UsbResume after detecting resume signaling from a downstream port. States are:
00 = UsbReset
01 = UsbResume
10 = UsbOperational
11 = UsbSuspend
5
BulkListEnable: When set, this bit enables processing of the Bulk list.
4
ControlListEnable: When set, this bit enables processing of the Control list.
3
IsochronousEnable: When clear, this bit disables the Isochronous List when the Periodic List is enabled (so Interrupt EDs
may be serviced). While processing the Periodic List, the HC will check this bit when it finds an isochronous ED.
2
PeriodicListEnable: When set, this bit enables processing of the Periodic (interrupt and isochronous) list. The HC checks
this bit prior to attempting any periodic transfers in a frame.
1:0
ControlBulkServiceRatio: Specifies the number of Control Endpoints serviced for every Bulk Endpoint. Encoding is N-1
where N is the number of Control Endpoints (i.e., 00 = 1 Control Endpoint; 11 = 3 Control Endpoints).
Offset 08h-0Bh
HcCommandStatus Register (R/W)
Reset Value = 00000000h
31:18
Reserved: Read/Write 0s.
17:16
ScheduleOverrunCount: This field increments every time the SchedulingOverrun bit in HcInterruptStatus is set. The count
wraps from 11 to 00.
15:4
Reserved: Read/Write 0s.
3
OwnershipChangeRequest: When set by software, this bit sets the OwnershipChange field in HcInterruptStatus. The bit is
cleared by software.
2
BulkListFilled: Set to indicate there is an active ED on the Bulk List. The bit may be set by either software or the HC and
cleared by the HC each time it begins processing the head of the Bulk List.
1
ControlListFilled: Set to indicate there is an active ED on the Control List. It may be set by either software or the HC and
cleared by the HC each time it begins processing the head of the Control List.
0
HostControllerReset: This bit is set to initiate a software reset. This bit is cleared by the HC upon completion of the reset
operation.
Offset 0Ch-0Fh
HcInterruptStatus Register (R/W)
Reset Value = 00000000h
31
Reserved: Read/Write 0s.
30
OwnershipChange: This bit is set when the OwnershipChangeRequest bit of HcCommandStatus is set.
29:7
Reserved: Read/Write 0s.
6
RootHubStatusChange: This bit is set when the content of HcRhStatus or the content of any HcRhPortStatus register has
changed.
5
FrameNumberOverflow: Set when bit 15 of FrameNumber changes value.
4
UnrecoverableError (Read Only): This event is not implemented and is hard-coded to 0. Writes are ignored.
3
ResumeDetected: Set when HC detects resume signaling on a downstream port.
2
StartOfFrame: Set when the Frame Management block signals a Start of Frame event.
1
WritebackDoneHead: Set after the HC has written HcDoneHead to HccaDoneHead.
0
SchedulingOverrun: Set when the List Processor determines a Schedule Overrun has occurred.
Note: All bits are set by hardware and cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com