Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 211 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 211 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 207Page - National Semiconductor (TI) CS5530A Datasheet HTML 208Page - National Semiconductor (TI) CS5530A Datasheet HTML 209Page - National Semiconductor (TI) CS5530A Datasheet HTML 210Page - National Semiconductor (TI) CS5530A Datasheet HTML 211Page - National Semiconductor (TI) CS5530A Datasheet HTML 212Page - National Semiconductor (TI) CS5530A Datasheet HTML 213Page - National Semiconductor (TI) CS5530A Datasheet HTML 214Page - National Semiconductor (TI) CS5530A Datasheet HTML 215Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 259 page
background image
Revision 1.1
211
www.national.com
Register Descriptions (Continued)
Index 06h-07h
Status Register (R/W)
Reset Value = 0280h
15
Detected Parity Error: This bit is set whenever the USB detects a parity error, even if the Parity Error (response) detection
enable bit (PCIUSB 04h[6]) is disabled. Write 1 to clear.
14
SERR# Status: This bit is set whenever the USB detects a PCI address error. Write 1 to clear.
13
Received Master Abort Status: This bit is set when the USB, acting as a PCI master, aborts a PCI bus memory cycle.
Write 1 to clear.
12
Received Target Abort Status: This bit is set when a USB generated PCI cycle (USB is the PCI master) is aborted by a
PCI target. Write 1 to clear.
11
Signaled Target Abort Status: This bit is set whenever the USB signals a target abort. Write 1 to clear.
10:9
DEVSEL# Timing (Read Only): These bits indicate the DEVSEL# timing when performing a positive decode. Since
DEVSEL# is asserted to meet the medium timing, these bits are encoded as 01b.
8
Data Parity Reported: Set to 1 if the Parity Error Response bit (Command Register bit 6) is set, and USB detects PERR#
asserted while acting as PCI master (whether PERR# was driven by USB or not).
7
Fast Back-to-Back Capable (Read Only): USB does support fast back-to-back transactions when the transactions are not
to the same agent. This bit is always 1.
6:0
Reserved: Set to 0.
Note: The PCI specification defines this register to record status information for PCI related events. This is a read/write register. How-
ever, writes can only reset bits. A bit is reset whenever the register is written and the data in the corresponding bit location is a 1.
Index 08h
Device Revision ID Register (RO)
Reset Value = 06h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 0C0310h
This register identifies this function as an OpenHCI device. The base class is 0Ch (serial bus controller). The sub class is 03h (universal
serial bus). The programming interface is 10h (OpenHCI).
Index 0Ch
Cache Line Size Register (R/W)
Reset Value = 00h
This register identifies the system cache line size in units of 32-bit WORDs. The USB only stores the value of bit 3 in this register since
the cache line size of 32 bytes is the only value applicable to the design. Any value other than 08h written to this register is read back as
00h.
In a CS5530A/GX-series processor based system this register must be set to 00h since the GX-series processor has a 16-byte cache
line size.
Index 0Dh
Latency Timer Register (R/W)
Reset Value = 00h
This register identifies the value of the latency timer in PCI clocks for PCI bus master cycles.
Index 0Eh
Header Type Register (RO)
Reset Value = 00h
This register identifies the type of the predefined header in the configuration space. Since the USB is a single function device and not a
PCI-to-PCI bridge, this byte should be read as 00h.
Index 0Fh
BIST Register (RO)
Reset Value = 00h
This register identifies the control and status of Built In Self Test. The USB does not implement BIST, so this register is read only.
Index 10h-13h
Base Address Register (R/W)
Reset Value = 00000000h
This BAR sets the base address of the memory mapped USB controller registers. Bits [11:0] are read only (0000 0000 0000),
indicating a 4 KB memory address range. Refer to Table 4-26 for the USB controller register bit formats and reset values.
31:12
USB Controller Base Address
11:0
Address Range (Read Only)
Index 14h-3Bh
Reserved
Reset Value = xxh
Index 3Ch
Interrupt Line Register (R/W)
Reset Value = 00h
This register identifies which of the system interrupt controllers the devices interrupt pin is connected to. The value of this register is
used by device drivers and has no direct meaning to the USB.
Index 3Dh
Interrupt Pin Register (RO)
Reset Value = 01h
This register identifies which interrupt pin a device uses. Since the USB uses INTA#, this value is set to 01h.
Table 4-25. USB Index xxh: USB PCI Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com