Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 208Page - National Semiconductor (TI) CS5530A Datasheet HTML 209Page - National Semiconductor (TI) CS5530A Datasheet HTML 210Page - National Semiconductor (TI) CS5530A Datasheet HTML 211Page - National Semiconductor (TI) CS5530A Datasheet HTML 212Page - National Semiconductor (TI) CS5530A Datasheet HTML 213Page - National Semiconductor (TI) CS5530A Datasheet HTML 214Page - National Semiconductor (TI) CS5530A Datasheet HTML 215Page - National Semiconductor (TI) CS5530A Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 259 page
background image
www.national.com
212
Revision 1.1
Register Descriptions (Continued)
Index 3Eh
Min. Grant Register (RO)
Reset Value = 00h
This register specifies the desired settings for how long of a burst the USB needs assuming a clock rate of 33 MHz. The value specifies
a period of time in units of 1/4 microsecond.
Index 3Fh
Max. Latency Register (RO)
Reset Value = 50h
This register specifies the desired settings for how often the USB needs access to the PCI bus assuming a clock rate of 33 MHz. The
value specifies a period of time in units of 1/4 microsecond.
Index 40h-43h
ASIC Test Mode Enable Register (R/W)
Reset Value = 000F0000h
Used for internal debug and test purposes only.
Index 44h-45h
ASIC Operational Mode Enable Register (R/W)
Reset Value = 0000h
15:9
Reserved: Read/Write 0s.
8
SIE Pipeline Disable: When set, waits for all USB bus activity to complete prior to returning completion status to the List
Processor. This is a fail-safe mechanism to avoid potential problems with the clk_dr transition between 1.5 MHz and 12
MHz.
7:1
Write Only: Read as 0s.
0
Data Buffer Region 16: When set, the size of the region for the data buffer is 16 bytes. Otherwise, the size is 32 bytes.
Index 46h-47h
Reserved
Reset Value = 00h
Index 48h-FFh
Reserved
Reset Value = xxh
Table 4-25. USB Index xxh: USB PCI Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com