Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 213Page - National Semiconductor (TI) CS5530A Datasheet HTML 214Page - National Semiconductor (TI) CS5530A Datasheet HTML 215Page - National Semiconductor (TI) CS5530A Datasheet HTML 216Page - National Semiconductor (TI) CS5530A Datasheet HTML 217Page - National Semiconductor (TI) CS5530A Datasheet HTML 218Page - National Semiconductor (TI) CS5530A Datasheet HTML 219Page - National Semiconductor (TI) CS5530A Datasheet HTML 220Page - National Semiconductor (TI) CS5530A Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 259 page
background image
Revision 1.1
217
www.national.com
Register Descriptions (Continued)
Offset 54h-57h
HcRhPortStatus[1] Register (R/W)
Reset Value = 00000628h
31:21
Reserved: Read/Write 0s.
20
PortResetStatusChange: This bit indicates that the port reset signal has completed. 0 = Port reset is not complete;
1 = Port reset is complete.
19
PortOverCurrentIndicatorChange: This bit is set when OverCurrentIndicator changes. Writinga1clearsthisbit. Writing a
0 has no effect.
18
PortSuspendStatusChange: This bit indicates the completion of the selective resume sequence for the port. 0 = Port is not
resumed; 1 = Port resume is complete.
17
PortEnableStatusChange: This bit indicates that the port has been disabled due to a hardware event (cleared PortEna-
bleStatus). 0 = Port has not been disabled; 1 = PortEnableStatus has been cleared.
16
ConnectStatusChange: This bit indicates a connect or disconnect event has been detected. Writing a 1 clears this bit.
Writing a 0 has no effect. 0 = No connect/disconnect event; 1 = Hardware detection of connect/disconnect event.
If DeviceRemoveable is set, this bit resets to 1.
15:10
Reserved: Read/Write 0s.
9
Read: LowSpeedDeviceAttached: This bit defines the speed (and bud idle) of the attached device. It is only valid when
CurrentConnectStatus is set. 0 = Full Speed device; 1 = Low Speed device.
Write: ClearPortPower: Writing a 1 clears PortPowerStatus. Writing a 0 has no effect.
8
Read: PortPowerStatus: This bit reflects the power state of the port regardless of the power switching mode. 0 = Port
power is off; 1 = Port power is on.
Note: If NoPowerSwitching is set, this bit is always read as 1.
Write: SetPortPower: Writing a 1 sets PortPowerStatus. Writing a 0 has no effect.
7:5
Reserved: Read/Write 0s.
4
Read: PortResetStatus: 0 = Port reset signal is not active; 1 = Port reset signal is active.
Write: SetPortReset: Writing a 1 sets PortResetStatus. Writing a 0 has no effect.
3
Read: PortOverCurrentIndicator: This bit reflects the state of the OVRCUR pin dedicated to this port. This field is only
valid if NoOverCurrentProtection is cleared and OverCurrentProtectionMode is set. 0 = No over-current condition; 1 = Over-
current condition.
Write: ClearPortSuspend: Writing a 1 initiates the selective resume sequence for the port. Writing a 0 has no effect.
2
Read: PortSuspendStatus: 0 = Port is not suspended; 1 = Port is selectively suspended.
Write: SetPortSuspend: Writing a 1 sets PortSuspendStatus. Writing a 0 has no effect.
1
Read: PortEnableStatus: 0 = Port disabled; 1 = Port enabled.
Write: SetPortEnable: Writing a 1 sets PortEnableStatus. Writing a 0 has no effect.
0
Read: CurrentConnectStatus: 0 = No device connected; 1 = Device connected.
Note: If DeviceRemoveable is set (not removable) this bit is always 1.
Write: ClearPortEnable: Writing 1 a clears PortEnableStatus. Writing a 0 has no effect.
Note: This register is reset by the UsbReset state.
Table 4-26. USB BAR+Memory Offset xxh: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com