Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 253 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 253 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 249Page - National Semiconductor (TI) CS5530A Datasheet HTML 250Page - National Semiconductor (TI) CS5530A Datasheet HTML 251Page - National Semiconductor (TI) CS5530A Datasheet HTML 252Page - National Semiconductor (TI) CS5530A Datasheet HTML 253Page - National Semiconductor (TI) CS5530A Datasheet HTML 254Page - National Semiconductor (TI) CS5530A Datasheet HTML 255Page - National Semiconductor (TI) CS5530A Datasheet HTML 256Page - National Semiconductor (TI) CS5530A Datasheet HTML 257Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 259 page
background image
Revision 1.1
253
www.national.com
6.0
Test Mode Information
The CS5530A provides two test modes:
1)
The NAND tree test mode for board-level automatic
test equipment (ATE).
2)
The I/O test mode for system design testing.
6.1
NAND TREE TEST MODE
The NAND tree mode is used to test input and bidirectional
pins which will be part of the NAND tree chain. Table 6-1
shows how to set the device for the NAND tree test.
The output of the NAND tree is multiplexed on the SUSP#
output (pin K26). After a POR# (pin K24) pulse, all inputs in
Table 6-2 on page 254 are initialized to a “1” and then are
successively pulled and held to a “0” starting with
SUSP_3V (the first input pin in the tree). The output wave-
form on SUSP# will toggle on each input change as shown
in Figure 6-1.
POR# is included as an input during the NAND Tree test,
after being used to trigger the test first. IRQ7 (pin AD14)
and TEST (pin D3) must be held high throughout the test.
Figure 6-1. NAND Tree Output Waveform
Table 6-1. NAND Tree Test Selection
Signal Name
Pin No.
Setting
POR#
K24
0 -> 1
TEST
D3
1
IRQ7
AD14
1
Initial Conditions: TEST = 1, IRQ7 = 1, POR# = (first 0, then 1), all inputs ‘1’
SUSP_3V
SUSPA#
PSERIAL
CLK_14MHZ
SUSP# (out)
NAND Tree Inputs
.
.
.
NAND Tree Output
Example: Beginning of NAND Tree Test Sequence
The following pins are not in the NAND tree: AEN, BALE, CPU_RST, DACK[3:0]#, DACK[7:5]#, DCLK, DDC_SCL,
D+_PORT1, D–_PORT1, D+_PORT2, D–_PORT2, EXTVREFIN, FP_CLK, FP_CLK_EVEN, FP_DISP_ENA_OUT,
FP_ENA_BKL,
FP_ENA_VDD,
FP_HSYNC_OUT,
FP_VSYNC_OUT,
GPCS#,
GPORT_CS#,
HSYNC_OUT,
IDE_ADDR[2:0], IDE_CS[1:0]#, IDE_DACK[1:0]#, IDE_IOR[1:0]#, IDE_IOW[1:0]#, IDE_RST#, IOUTB, IOUTG,
IOUTR,
IREF,
IRQ7,
ISACLK,
KBROMCS#,
PC_BEEP,
PCI_RST#,
PLLTEST,
SA_LATCH,
SDATA_OUT,
SMEMR#/RTCALE, SMEMW#/RTCCS#, SUSP#, SYNC, TEST, VID_RDY, VSYNC_OUT, all NCs, and all analog/digi-
tal supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com